Electronic Components Datasheet Search
  English  ▼

X  

MC33341 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33341_06 Datasheet HTML 1Page - ON Semiconductor MC33341_06 Datasheet HTML 2Page - ON Semiconductor MC33341_06 Datasheet HTML 3Page - ON Semiconductor MC33341_06 Datasheet HTML 4Page - ON Semiconductor MC33341_06 Datasheet HTML 5Page - ON Semiconductor MC33341_06 Datasheet HTML 6Page - ON Semiconductor MC33341_06 Datasheet HTML 7Page - ON Semiconductor MC33341_06 Datasheet HTML 8Page - ON Semiconductor MC33341_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MC33341
http://onsemi.com
5
0
1.0
0.1
8.0
1.0 k
60
0
0
0.1
8.0
1.0 k
60
VCC, SUPPLY VOLTAGE (V)
IO, DRIVE OUTPUT LOAD CURRENT (mA)
f, FREQUENCY (Hz)
IL, OUTPUT LOAD CURRENT (mA)
IO, DRIVE OUTPUT LOAD CURRENT (mA)
Figure 8. Bode Plot
Voltage Sensing Inputs to Drive Output
f, FREQUENCY (Hz)
Figure 9. Bode Plot
Current Sensing Inputs to Drive Output
Figure 10. Transconductance
Voltage Sensing Inputs to Drive Output
Figure 11. Transconductance
Current Sensing Inputs to Drive Output
Figure 12. Drive Output High State
Source Saturation versus Load Current
Figure 13. Supply Current
versus Supply Voltage
VCC = 6.0 V
VO = 1.0 V
RL = 1.0 k
Pin 3 = 1.0 nF
TA = 25°C
VCC = 6.0 V
VO = 1.0 V
RL = 1.0 k
Pin 3 = 1.8 nF
TA = 25°C
VCC = 6.0 V
VO = 1.0 V
TA = 25°C
VCC = 6.0 V
VO = 1.0 V
TA = 25°C
VCC = 6.0 V
TA = 25°C
IO = 0 mA
TA = 25°C
Gain
Phase
Gain
Phase
High−Side Sensing
Phase
Low−Side Sensing
Drive Output Low State
10 k
10 k
100 k
1.0 M
100 k
1.0 M
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
4.0
8.0
12
16
20
4.0
8.0
12
16
50
40
30
20
10
0
50
40
30
20
10
0
6.0
4.0
2.0
0
6.0
4.0
2.0
0
−0.4
−0.8
−1.2
−1.6
−2.0
0.8
0.6
0.4
0.2
0
180
160
140
120
100
80
180
160
140
120
100
80
VCC
Drive Output High State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com