Electronic Components Datasheet Search
  English  ▼

X  

MC33341 Datasheet(PDF) 12 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button MC33341_06 Datasheet HTML 8Page - ON Semiconductor MC33341_06 Datasheet HTML 9Page - ON Semiconductor MC33341_06 Datasheet HTML 10Page - ON Semiconductor MC33341_06 Datasheet HTML 11Page - ON Semiconductor MC33341_06 Datasheet HTML 12Page - ON Semiconductor MC33341_06 Datasheet HTML 13Page - ON Semiconductor MC33341_06 Datasheet HTML 14Page - ON Semiconductor MC33341_06 Datasheet HTML 15Page - ON Semiconductor MC33341_06 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MC33341
http://onsemi.com
12
R3
Load
R1
Battery or
Resistive
Load
Source
Return
Source
R2
RS
Comp
The above figure shows the MC33341 configured for load high−side current sensing with an externally adjustable current threshold. Opera-
tion of this circuit is similar to that of Figure 18. The current regulation threshold can be adjusted over a range of 0 V to 200 mV with respect
to Pin 4.
Vreg + Vth(V)
R2
R1
) 1
+ 1.2 R2
R1
) 1
Ireg +
V
th(Pin2)
R
S
R3
+
I
pk
R
S
– 0.6
0.02
V
I
Load
87
6
5
12
3
4
R
R
R
R
R
VCC
VCC
VCC
VCC
VCC
VCC
0.4 V
1.2 V
R
0.2 V
VCC
0.2 V 0.4 V 1.2 V
VCC
1.2 V
VCC
Inverting Amp
Transconductance
Amp
Differential Amp
Disable Logic
Differential Amp
Opto
Isolator
Vsen
Vth
Isen
Ith
Reference
Figure 19. Load High−Side Current Sensing with
Externally Adjustable Current and Internally Fixed Voltage Thresholds
Current
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com