Electronic Components Datasheet Search
  English  ▼

X  

MC33341 Datasheet(PDF) 17 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button MC33341_06 Datasheet HTML 11Page - ON Semiconductor MC33341_06 Datasheet HTML 12Page - ON Semiconductor MC33341_06 Datasheet HTML 13Page - ON Semiconductor MC33341_06 Datasheet HTML 14Page - ON Semiconductor MC33341_06 Datasheet HTML 15Page - ON Semiconductor MC33341_06 Datasheet HTML 16Page - ON Semiconductor MC33341_06 Datasheet HTML 17Page - ON Semiconductor MC33341_06 Datasheet HTML 18Page - ON Semiconductor MC33341_06 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MC33341
http://onsemi.com
17
Figure 26. Constant−Current Constant−Voltage Switch Mode Charger
Figure 26 shows that the MC33341 can be configured as a high−side constant−current constant−voltage switch mode charger. This circuit
operates as a step down converter. With a nominal input voltage and output load current as stated above, the switching frequency is
approximately 28 kHz with and an associated conversion efficiency of 86 percent. The switching frequency will vary with changes in input
voltage and load current.
12 k
68 k
V
I
Output
Ground
87
6
5
12
3
4
R
R
R
R
R
VCC
VCC
VCC
VCC
VCC
VCC
0.4 V
1.2 V
R
0.2 V
VCC
0.2 V 0.4 V 1.2 V
VCC
1.2 V
VCC
Inverting Amp
Transconductance
Amp
Differential Amp
Disable Logic
Differential Amp
Vsen
Vth
Isen
Ith
Reference
100
MTP2955
Output
5.87 V/800 mA
Input
Ground
Input
12 V
100
1N5821
0.25
3.0 k
200
mH
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping†
MC33341D
TA = −25° to +85°C
SOIC−8
98 Units / Rail
MC33341DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC33341DR2
SOIC−8
2500 / Tape & Reel
MC33341DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC33341P
PDIP−8
50 Units / Rail
MC33341PG
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com