Electronic Components Datasheet Search
  English  ▼

X  

SNC201 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNC201
Description  Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC201 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNC201 Datasheet HTML 3Page - SONiX Technology Company SNC201 Datasheet HTML 4Page - SONiX Technology Company SNC201 Datasheet HTML 5Page - SONiX Technology Company SNC201 Datasheet HTML 6Page - SONiX Technology Company SNC201 Datasheet HTML 7Page - SONiX Technology Company SNC201 Datasheet HTML 8Page - SONiX Technology Company SNC201 Datasheet HTML 9Page - SONiX Technology Company SNC201 Datasheet HTML 10Page - SONiX Technology Company SNC201 Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SNC201
Direct Drive Speech Controller
6. ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC
7. ELECTRICAL CHARACTERISTICS
Item
Sym. Min.
Typ. Max.
Unit
Condition
Operating Voltage
VDD
2.4
3.0
5.5
V
Standby current
ISBY
-
2.2
4.8
-
uA
VDD=3V , no load
VDD=4.5V, no load
Operating Current
IOPR
-
300
1
-
uA
mA
VDD=3V , no load
VDD=4.5V, no load
Input current of P30~P33
IIH
-
3.0
10.0
uA
VDD=3V,VIN=3V
Drive current of P30, P31
IOD
-
5
-
mA VDD=3V,VO=2.4V
Sink Current of P30, P31
IOS
-
6
-
mA VDD=3V,VO=0.4V
Drive current of P32, P33
IOD
-
11
-
mA VDD=3V,VO=2.4V
Sink Current of P32, P33
IOS
-
17
-
mA VDD=3V,VO=0.4V
Drive current of Buo1, Buo2
IOD
120
150
-
mA VDD=3V,Buo1=1.5V
Sink Current of Buo1, Buo2
IOS
120
150
-
mA VDD=3V,Buo1=1.5V
Oscillation Freq.
FOSC
-
2.0
-
MHz VDD=3V
Ver: 1.1
June 8, 2005
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com