Electronic Components Datasheet Search
  English  ▼

X  

SNC201 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNC201
Description  Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC201 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNC201 Datasheet HTML 1Page - SONiX Technology Company SNC201 Datasheet HTML 2Page - SONiX Technology Company SNC201 Datasheet HTML 3Page - SONiX Technology Company SNC201 Datasheet HTML 4Page - SONiX Technology Company SNC201 Datasheet HTML 5Page - SONiX Technology Company SNC201 Datasheet HTML 6Page - SONiX Technology Company SNC201 Datasheet HTML 7Page - SONiX Technology Company SNC201 Datasheet HTML 8Page - SONiX Technology Company SNC201 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SNC201
Direct Drive Speech Controller
5. FUNCTION DESCRIPTIONS
5.1. Oscillator
SNC201 accept RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follow.
OSC
VCC
RC Oscillator
5.2. ROM
SNC201 contains substantial 10K words (10-bit) internal ROM. Program, voices and
other data are shared with this same 10K words ROM.
5.3. RAM
SNC201 contains 32 nibbles RAM. The 32 nibbles RAM are divided into two pages
(page 0 and page 1, 16 nibble RAM on each page). In our programming structure,
users can easily define and locate RAM page in the program. For instance, users can
use the instructions, PAGEn (n=0 to 1) to switch and indicate the RAM page. Besides,
users can use direct mode, M0 ~ M15 in the data transfer type instructions, to access
all 16 nibbles of each page.
5.4. Power Down Mode
“End” instruction will power down SNC201 and enable IC to consume fewer current for
power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when
the power down mode is activated in SNC201, any valid data transition (L H or H L)
occurring on any IO pins of P3 will lead SNC201 back to normal operation mode.
5.5. Sampling Rate Counters
The playing rate can be adaptively set up among from the wide ranges of 2.5KHz to
20KHz. This feature makes voice close to its original source and yield the better voice
quality.
Ver: 1.1
June 8, 2005
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com