Electronic Components Datasheet Search
  English  ▼

X  

SNC201 Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SNC201
Description  Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC201 Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SNC201 Datasheet HTML 3Page - SONiX Technology Company SNC201 Datasheet HTML 4Page - SONiX Technology Company SNC201 Datasheet HTML 5Page - SONiX Technology Company SNC201 Datasheet HTML 6Page - SONiX Technology Company SNC201 Datasheet HTML 7Page - SONiX Technology Company SNC201 Datasheet HTML 8Page - SONiX Technology Company SNC201 Datasheet HTML 9Page - SONiX Technology Company SNC201 Datasheet HTML 10Page - SONiX Technology Company SNC201 Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SNC201
Direct Drive Speech Controller
AMENDMENT HISTORY
Version
Date
Description
Ver 0.1
September 10, 2003
First issue.
Ver 0.2
September 23, 2003
Modify the driving/sink current of P30~P33
Ver 0.3
September 24, 2003
Modify Block Diagram
Maximum program size reduce to 10K
Ver 1.0
March 29, 2004
Add Application Circuit.
Modify the ELECTRICAL CHARACTERISTICS
Ver 1.1
June 8,2005
Modify Application circuit, remove the capacitor between
RST and VDD
Ver: 1.1
June 8, 2005
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com