Electronic Components Datasheet Search
  English  ▼

X  

SNC749 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC749
Description  16-bit Voice Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC749 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC749 Datasheet HTML 3Page - SONiX Technology Company SNC749 Datasheet HTML 4Page - SONiX Technology Company SNC749 Datasheet HTML 5Page - SONiX Technology Company SNC749 Datasheet HTML 6Page - SONiX Technology Company SNC749 Datasheet HTML 7Page - SONiX Technology Company SNC749 Datasheet HTML 8Page - SONiX Technology Company SNC749 Datasheet HTML 9Page - SONiX Technology Company SNC749 Datasheet HTML 10Page - SONiX Technology Company SNC749 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary
SNC749
16-bit Voice Processor
Ver. 1.8
March 6, 2007
7
5. RAM TABLE
Total RAM size is 4K words, and each one bank is 256 words. The RAM size 0~3K
words is for algorithm using and last 1K words is for user using.
B ank 0
B ank 1
B ank 2
B ank 3
B ank 4
B ank 5
B ank 6
B ank 7
B ank 8
B ank 9
B ank 10
B ank 11
B ank 12
B ank 13
B ank 14
B ank 15
0x00A 000
0x00A 0F F
0x00A 100
0x00A B F F
0x00A C 00
0x00A F F F
R eserve for O S
and V oice
Algorithm use
F ree for U ser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com