Electronic Components Datasheet Search
  English  ▼

X  

SNC749 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC749
Description  16-bit Voice Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC749 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC749 Datasheet HTML 2Page - SONiX Technology Company SNC749 Datasheet HTML 3Page - SONiX Technology Company SNC749 Datasheet HTML 4Page - SONiX Technology Company SNC749 Datasheet HTML 5Page - SONiX Technology Company SNC749 Datasheet HTML 6Page - SONiX Technology Company SNC749 Datasheet HTML 7Page - SONiX Technology Company SNC749 Datasheet HTML 8Page - SONiX Technology Company SNC749 Datasheet HTML 9Page - SONiX Technology Company SNC749 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary
SNC749
16-bit Voice Processor
Ver. 1.8
March 6, 2007
6
4. ROM TABLE
The total ROM size is 512K words. It split two parts including high speed and low
speed ROM area, but user also can program all area. In high speed ROM had a small
OS to control all function flow. We recommend user put you program in high speed
ROM and put data in low speed ROM to get high performance.
High Speed RO M
(64K W ords)
Low Speed RO M
(448K W ords)
0x000000
0x00FFFF
0x010000
0x07FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com