Electronic Components Datasheet Search
  English  ▼

X  

SNC749 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNC749
Description  16-bit Voice Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC749 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNC749 Datasheet HTML 1Page - SONiX Technology Company SNC749 Datasheet HTML 2Page - SONiX Technology Company SNC749 Datasheet HTML 3Page - SONiX Technology Company SNC749 Datasheet HTML 4Page - SONiX Technology Company SNC749 Datasheet HTML 5Page - SONiX Technology Company SNC749 Datasheet HTML 6Page - SONiX Technology Company SNC749 Datasheet HTML 7Page - SONiX Technology Company SNC749 Datasheet HTML 8Page - SONiX Technology Company SNC749 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary
SNC749
16-bit Voice Processor
Ver. 1.8
March 6, 2007
4
Low Voltage Reset
Low Voltage Detect
Sampling Rate: 8KHz ~16KHz
Built-in software voice synthesizer (LRC5:1.5K, 1.72K, 2K, 2.4K, 3K, 4K
DRC:5K, 6K
SN:8K
MSADPCM:35K
PCM:80K
AUDIO32_16K:16K, 20K, 24K, 28K, 32K)
Built-in software melody synthesizer includes the dual-tone melody and 12-channel
wave-table melody.
3. PIN ASSIGNMENT
Pin No.
Symbol
I/O
Descriptions
1
Test
I
Test Pin for testing using
2
VSSIO2
I
Negative power supply
3
CVSS
I
Negative power supply for core circuit
4
RST
I
Chip reset
5
CKSEL
I
Crystal/RC-type oscillator select for high speed clock
6
VDDIO2
I
Positive power supply
7
CVDD
I
Positive power supply for core circuit
8
REGOUT
O
Regulator voltage output
9
VSSA
I
Negative power supply
10
XIN
I
High speed clock crystal input
11
XOUT
O
High speed clock crystal output
12
LXIN
I
Low speed clock crystal input
13
LXOUT
O
Low speed clock crystal output
14
VDDA
I
Positive power supply
15
NC
-
-
16
P0.0
I/O
I/O Port 0
17
P0.1
I/O
I/O Port 0
18
P0.2
I/O
I/O Port 0
19
P0.3
I/O
I/O Port 0
20
VSSIO0
I
Negative power supply
21
P0.4
I/O
I/O Port 0
22
P0.5
I/O
I/O Port 0
23
P0.6
I/O
I/O Port 0
24
P0.7
I/O
I/O Port 0
25
VDDIO0
I
Positive power supply
26
P0.8
I/O
I/O Port 0
27
P0.9
I/O
I/O Port 0
28
P0.10
I/O
I/O Port 0
29
P0.11
I/O
I/O Port 0
30
VSSIO0
I
Negative power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com