Electronic Components Datasheet Search
  English  ▼

X  

SNC21085 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC21085
Description  1-CH H.Q. Speech Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC21085 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC21085 Datasheet HTML 2Page - SONiX Technology Company SNC21085 Datasheet HTML 3Page - SONiX Technology Company SNC21085 Datasheet HTML 4Page - SONiX Technology Company SNC21085 Datasheet HTML 5Page - SONiX Technology Company SNC21085 Datasheet HTML 6Page - SONiX Technology Company SNC21085 Datasheet HTML 7Page - SONiX Technology Company SNC21085 Datasheet HTML 8Page - SONiX Technology Company SNC21085 Datasheet HTML 9Page - SONiX Technology Company SNC21085 Datasheet HTML 10Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SNC21085
1-CH H.Q. Speech Controller
5.10
Push-Pull Output
An 8-level volume control Push-Pull Direct Drive circuit is built-in SNC21085. The
maximum resolution of Push-Pull is 12 bits. Two huge output stage circuits are
designed in SNC21085. With this advanced circuit, the chip is capable of driving
speaker directly without external transistors.
Audio in
0.5 Vdd
VOP
+
+
0.5 Vdd
-
-
VON
Push-Pull Output
5.11
Mark register
If user had insert Mark into wave file. The Mark data will be fetched into this register
during voice playing. The content of this register will be cleared to “0” automatically
once user accesses this register.
5.12
Low Voltage Hold
This function enables chips entering Hold mode when voltage is below 2.1V and will
back to work after voltage rise up to 2.1V. Chip will not entering hold mode before
current Instruction finish. When chip in Hold mod, ROSC will keep running, and all the
content of Latch/Register/SRAM will keep unchanged.
Ver: 1.0
November 08, 2006
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com