Electronic Components Datasheet Search
  English  ▼

X  

SNC21085 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC21085
Description  1-CH H.Q. Speech Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC21085 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC21085 Datasheet HTML 2Page - SONiX Technology Company SNC21085 Datasheet HTML 3Page - SONiX Technology Company SNC21085 Datasheet HTML 4Page - SONiX Technology Company SNC21085 Datasheet HTML 5Page - SONiX Technology Company SNC21085 Datasheet HTML 6Page - SONiX Technology Company SNC21085 Datasheet HTML 7Page - SONiX Technology Company SNC21085 Datasheet HTML 8Page - SONiX Technology Company SNC21085 Datasheet HTML 9Page - SONiX Technology Company SNC21085 Datasheet HTML 10Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SNC21085
1-CH H.Q. Speech Controller
5.6
I/O Ports
There are three 4-bit I/O ports P1, P2 and P3. Any I/O can be individually
programmed as either input pull low or output. Any valid data transition (H
L or
L
H) of P1, P2 and P3 can reactivate the chip when it is in power-down stage.
I/O Port Configuration
Note:
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak
(1) Weak N-MOS can serve as pull-low resistor.
(2) The driving/sink current of P3.3 & P3.2 is up to 8mA/16mA
5.7
IR Function
Bit 3 of Mode Register is applied to control the IR function. P33 can be modulated with
38.5KHz square wave before sent out to P3.3 or P2.3 pin. P3.3 and P2.3 out is
controlled by Mode1.1. If Mode1.1 set 1 IR is use P2.3, set “0” is use P3.3. The IR
signal can be achieved by this modulated signal.
5.8
PWM IO control
SNC21085 have support 4 PWM IO (P30~P33). Each I/O has 8 bits independent duty
register.
5.9
Watch Dog Timer
SNC21085 built an internal WDT (Watch Dog Timer). This Watchdog timer would
issue resets signal to this chip if it is not cleared before reaching terminal count (1sec).
The watchdog timer is enabled at reset and cannot be disabled.
Ver: 1.0
November 08, 2006
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com