Electronic Components Datasheet Search
  English  ▼

X  

PKB4000D Datasheet(PDF) 1 Page - Flex Power Modules. FLEX LTD.

Part # PKB4000D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4000D Datasheet(HTML) 1 Page - Flex Power Modules. FLEX LTD.

  PKB4000D Datasheet HTML 1Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 2Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 3Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 4Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 5Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 6Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 7Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 8Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Flex internal
PRODUCT SPECIFICATION
1 (4)
Prepared (also subject responsible if other)
No.
jidgezou George Zou
1/1301-BMR 674 01
Approved
Checked
Date
Rev
Reference
jiddaxie David Xie
2019-08-27
D
Key Features
• Industry standard low profile Eighth-brick
58.4 x 22.7 x 9.6 mm (2.30 x 0.89 x 0.38 in)
• High efficiency, typical 96 % at 48Vin, 12 Vout, half load
• 2250 Vdc input to output isolation
• Pre-bias start up
• Optional Baseplate
• Optional SMD version
• Meets safety requirements according to IEC/EN/UL
60950-1
• MTBF 8.9 Million hours
General Characteristics
• Input under voltage shutdown
• Monotonic start-up
• Remote control
• Output over voltage protection
• Over temperature protection
• Output short-circuit protection
• Highly automated manufacturing ensures quality
• ISO 9001/14001 certified supplier
Safety Approvals
Design for Environment
Meets requirements in high-
temperature lead-free soldering
processes.
Flex internal
TABLE OF CONTENTS
1 (1)
Prepared (also subject responsible if other)
No.
Marshall Wang
Approved
Checked
Date
Rev
Reference
2017-11-17
B
Contents
Ordering Information
............................................................. 2
General Information
............................................................. 2
Safety Specification
............................................................. 3
Absolute Maximum Ratings
............................................................. 4
Electrical Specification
12 V, 25A / 300 W
PKB 4313D .......................................... 5
12 V, 22A / 264 W
PKB 4213D .......................................... 9
10 V, 25A / 250 W
PKB 4217ND ..................................... 13
EMC Specification
........................................................... 17
Operating Information
........................................................... 18
Thermal Consideration
........................................................... 20
Connections
........................................................... 21
Mechanical Information
........................................................... 22
Soldering Information
........................................................... 25
Delivery Information
........................................................... 26
Product Qualification Specification
........................................................... 28
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification


Similar Part No. - PKB4000D

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
DC/DC converters, Input 36-75 V, Output 30 A/90 W
More results

Similar Description - PKB4000D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
REGULATED CHARGE PUMP DC/DC CONVERTERS
V1.0
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
REGULATED CHARGE PUMP DC/DC CONVERTERS
3.0
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
9 WATTS REGULATED DC/DC CONVERTERS
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
Linear Technology
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com