Electronic Components Datasheet Search
  English  ▼

X  

PKB4000D Datasheet(PDF) 8 Page - Flex Power Modules. FLEX LTD.

Part # PKB4000D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4000D Datasheet(HTML) 8 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4000D Datasheet HTML 4Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 5Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 6Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 7Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 8Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 10Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 11Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 12Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Typical Characteristics
12 V, 25 A / 300 W
PKB4313D
Output Current Derating – Open frame
Available load current vs. ambient air temperature and airflow at
VI = 53 V. See Thermal Consideration section.
Output Current Derating – Base plate
Thermal Resistance – Base plate
Available load current vs. ambient air temperature and airflow at
VI = 53 V. See Thermal Consideration section.
Thermal resistance vs. airspeed measured at the converter. Tested in
wind tunnel with airflow and test conditions as per the Thermal
consideration section. VI = 53 V.
Output Current Derating – Cold wall sealed box
Available load current vs. cold wall temperature.
VI = 53 V. See Thermal Consideration section.
0
5
10
15
20
25
20
30
40
50
60
70
80
90
100
[A]
[°C]
4.0 m/s
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
0
5
10
15
20
25
20
30
40
50
60
70
80
90
100
[A]
[°C]
4.0 m/s
3.0 m/s
2.0 m/s
1.5 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
[°C/W]
[m/s]
0
5
10
15
20
25
30
0
20
40
60
80
100
[A]
[°C]
Tamb 85°C
Tamb 85°C
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com