Electronic Components Datasheet Search
  English  ▼

X  

PKB4000D Datasheet(PDF) 3 Page - Flex Power Modules. FLEX LTD.

Part # PKB4000D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4000D Datasheet(HTML) 3 Page - Flex Power Modules. FLEX LTD.

  PKB4000D Datasheet HTML 1Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 2Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 3Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 4Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 5Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 6Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 7Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 8Page - Flex Power Modules. FLEX LTD. PKB4000D Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Flex internal
PRODUCT SPECIFICATION
3 (4)
Prepared (also subject responsible if other)
No.
jidgezou George Zou
1/1301-BMR 674 01
Approved
Checked
Date
Rev
Reference
jiddaxie David Xie
2019-08-27
D
Safety Specification
General information
Flex Power Modules DC/DC converters and DC/DC
regulators are designed in accordance with the safety
standards IEC 60950-1, EN 60950-1 and UL 60950-1
Safety of Information Technology Equipment.
IEC/EN/UL 60950-1 contains requirements to prevent injury
or damage due to the following hazards:
• Electrical shock
• Energy hazards
• Fire
• Mechanical and heat hazards
• Radiation hazards
• Chemical hazards
On-board DC/DC converters and DC/DC regulators are
defined as component power supplies. As components
they cannot fully comply with the provisions of any safety
requirements without “conditions of acceptability”.
Clearance between conductors and between conductive
parts of the component power supply and conductors on
the board in the final product must meet the applicable
safety requirements. Certain conditions of acceptability
apply for component power supplies with limited stand-off
(see Mechanical Information and Safety Certificate for
further information). It is the responsibility of the installer to
ensure that the final product housing these components
complies with the requirements of all applicable safety
standards and regulations for the final product.
Component power supplies for general use should comply
with the requirements in IEC/EN/UL 60950-1 Safety of
Information Technology Equipment. Product related
standards, e.g. IEEE 802.3af Power over Ethernet, and
ETS-300132-2 Power interface at the input to telecom
equipment, operated by direct current (dc) are based on
IEC/EN/UL 60950-1 with regards to safety.
Flex Power Modules DC/DC converters, Power interface
modules and DC/DC regulators are UL 60950-1 recognized
and certified in accordance with EN 60950-1. The
flammability rating for all construction parts of the products
meet requirements for V-0 class material according to
IEC 60695-11-10, Fire hazard testing, test flames – 50 W
horizontal and vertical flame test methods.
Isolated DC/DC converters
The product may provide basic or functional insulation
between input and output according to IEC/EN/UL 60950-1
(see Safety Certificate), different conditions shall be met if
the output of a basic or a functional insulated product shall
be considered as safety extra low voltage (SELV).
For basic insulated products (see Safety Certificate) the
output is considered as safety extra low voltage (SELV) if
one of the following conditions is met:
• The input source provides supplementary or double or
reinforced insulation from the AC mains according to
IEC/EN/UL 60950-1.
• The input source provides functional or basic insulation
from the AC mains and the product’s output is reliably
connected to protective earth according to
IEC/EN/UL 60950-1.
For functional insulated products (see Safety Certificate)
the output is considered as safety extra low voltage (SELV)
if one of the following conditions is met:
• The input source provides double or reinforced
insulation from the AC mains according to
IEC/EN/UL 60950-1.
• The input source provides basic or supplementary
insulation from the AC mains and the product’s output is
reliably connected to protective earth according to
IEC/EN/UL 60950-1.
• The input source is reliably connected to protective
earth and provides basic or supplementary insulation
according to IEC/EN/UL 60950-1 and the maximum
input source voltage is 60 Vdc.
Galvanic isolation between input and output is verified in an
electric strength test and the isolation voltage (Viso) meets
the voltage strength requirement for basic insulation
according to IEC/EN/UL 60950-1.
It is recommended to use a slow blow fuse at the input of
each DC/DC converter. If an input filter is used in the circuit
the fuse should be placed in front of the input filter. In the
rare event of a component problem that imposes a short
circuit on the input source, this fuse will provide the
following functions:
• Isolate the fault from the input power source so as not
to affect the operation of other parts of the system
• Protect the distribution wiring from excessive current
and power loss thus preventing hazardous overheating
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com