Electronic Components Datasheet Search
  English  ▼

X  

PKB4213DPI Datasheet(PDF) 19 Page - Flex Power Modules. FLEX LTD.

Part # PKB4213DPI
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4213DPI Datasheet(HTML) 19 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4213DPI Datasheet HTML 15Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 16Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 17Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 18Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 19Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
External decoupling capacitors will become part of the
product’s control loop. The control loop is optimized for a wide
range of external capacitance and the maximum and minimum
recommended value that could be used without any additional
analysis is found in the Electrical specification. The ESR of the
capacitors is a very important parameter. Stable operation is
guaranteed with a verified ESR value of >1
mΩ across the
output connections.
For further information please contact your local Ericsson
Power Modules representative.
Hybrid Regulated Ratio (HRR)
The product uses two regulation modes. The regulated ratio
mode let the regulator track the Vin with a fixed proportion, still
with a guard band for load and transient regulation. The hybrid
regulated mode swaps seamlessly from a ratio regulated
mode to a normally regulated mode above a certain input
voltage. See Output Characteristics in the Electrical
Specification.
HRR uses a fast adaption system and a slow adaption system
to react to both fast and slow input voltage changes to provide
an input voltage feed-forward function. The fast adaption
system prevents the converter to change output voltage very
rapid. It filters sudden input voltage changes. The slow
adaption system does not let fast input voltage transients
through in the regulated ratio mode, it just slowly adapts to the
new input voltage. When the input voltage changes the
tracking system needs up to 3 ms to fully respond.
In the normally regulated mode the tracking will be saturated
and the converter regulates towards a precision reference
voltage instead making it almost unsusceptible to transients.
Controlled low external output capacitor charge current at
input voltage step
Due to the slow adaption system the HRR product efficiently
reduces those charge currents for the external capacitors
during an input voltage transient or level shift.
HRR product output at input voltage step 36-75 V, 1 ms/div
Bottom trace – input voltage change 36-75 V, 20 V/div
Top trace – resulting output voltage change, 1 V/div
Input voltage transient suppression
The hybrid regulated product effectively suppresses input
voltage transients. This applies to both short duration
transients and step-like level shifts of the input voltage.
The amplitude of the output transients resulting of short
duration transient at the input voltage will be less than 1V.
In case of a step-like level shift of the input voltage, the output
voltage will rise to a new regulated ratio output voltage or to
12V depending of the final value of the input voltage step. The
hybrid regulated ratio prevents overshoots and undershoots in
association with this transition. These capabilities significantly
reduce the requirements on input transient response of Point
of Load regulators fed from this product.
Parallel Operation
This product is not designed for paralleling without using
external current sharing circuits. See Design Note 006 for
detailed information.
Over Temperature Protection (OTP)
The products are protected from thermal overload by an
internal over temperature shutdown circuit.
When TP1 as defined in thermal consideration section exceeds
130°C the product will shut down. The product will make
continuous attempts to start up (non-latching mode) and
resume normal operation automatically when the temperature
has dropped >10°C below the temperature threshold.
Over Voltage Protection (OVP)
The products have output over voltage protection that will shut
down the product in over voltage conditions. The product will
resume normal operation automatically after removal of the
over voltage condition. The OVP setpoint can be found in the
Electrical Specification.
Over Current Protection (OCP)
The products include current limiting circuitry for protection at
continuous overload. The OCP works in a hiccup mode and
will make continous attempts to start up and will resume
normal operation automatically after removal of the over
current condition. The load distribution should be designed for
the specified maximum output short circuit current.
Pre-bias Start-up
The product has a Pre-bias start up functionality and will not
sink current during start up if a pre-bias load is present at the
output terminals.
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com