Electronic Components Datasheet Search
  English  ▼

X  

PKB4213DPI Datasheet(PDF) 27 Page - Flex Power Modules. FLEX LTD.

Part # PKB4213DPI
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4213DPI Datasheet(HTML) 27 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4213DPI Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 24Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 25Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 26Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 27Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 28Page - Flex Power Modules. FLEX LTD.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Tray Specifications – Through hole version
Material
PE Foam, dissipative
Surface resistance
105 < Ohm/square < 1012
Bakability
The trays are not bakable
Tray thickness
22 mm [0.866 inch]
Box capacity
100 products (4 full trays/box) Open frame
25 products (1 full tray/box) Base plate
Tray weight
Product – Open frame
654 g full tray, 54 g empty tray
Product – Base plate option
1000 g full tray, 54 g empty tray
Soft tray for open frame & base plate version
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com