Electronic Components Datasheet Search
  English  ▼

X  

PKB4213DPI Datasheet(PDF) 7 Page - Flex Power Modules. FLEX LTD.

Part # PKB4213DPI
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4213DPI Datasheet(HTML) 7 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4213DPI Datasheet HTML 3Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 4Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 5Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 6Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 7Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 8Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 10Page - Flex Power Modules. FLEX LTD. PKB4213DPI Datasheet HTML 11Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Typical Characteristics
12.0 V, 25 A / 300 W
PKB4313D
Start-up
Shut-down
Start-up enabled by connecting VI at:
TP1 = +25°C, VI = 53 V,
IO = 25 A resistive load.
Top trace: Output voltage (5 V/div.).
Bottom trace: Input voltage (50 V/div.).
Time scale: (10 ms/div.).
Shut-down enabled by disconnecting VI at:
TP1 = +25°C, VI = 53 V,
IO = 25 A resistive load.
Top trace: Output voltage (5 V/div.).
Bottom trace: Input voltage (50 V/div.).
Time scale: (10 ms/div.).
Output Ripple & Noise
Output Load Transient Response
Output voltage ripple at:
TP1 = +25°C, VI = 53 V,
IO = 25 A resistive load.
Trace: output voltage (20 mV/div.).
Time scale: (2 µs/div.).
20 MHz bandwidth filter 10 µF+0.1 µF
Output voltage response to load current step-
change (6.25 – 18.75 – 6.25 A) at:
TP1 =+25°C, VI = 53 V.
Top trace: output voltage (0.5 V/div.).
Bottom trace: output current (10 A/div.).
Time scale: (0.5 ms/div.).
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com