Electronic Components Datasheet Search
  English  ▼

X  

LS1D303 Datasheet(PDF) 30 Page - Schneider Electric

Part # LS1D303
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D303 Datasheet(HTML) 30 Page - Schneider Electric

Back Button LS1D303 Datasheet HTML 26Page - Schneider Electric LS1D303 Datasheet HTML 27Page - Schneider Electric LS1D303 Datasheet HTML 28Page - Schneider Electric LS1D303 Datasheet HTML 29Page - Schneider Electric LS1D303 Datasheet HTML 30Page - Schneider Electric LS1D303 Datasheet HTML 31Page - Schneider Electric LS1D303 Datasheet HTML 32Page - Schneider Electric LS1D303 Datasheet HTML 33Page - Schneider Electric LS1D303 Datasheet HTML 34Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
30
10/02
GV2 OPERATING CURVES (CONTINUED)
Thermal Limit on Short Circuit for GV2ME
Thermal limit in kA2s in the magnetic operating zone
Sum of L2dt = f (prospective Isc) at 1.05 Ue = 435 V
1
20-25 A
6
4-6.3 A
2
17-23 A
7
2.5-4 A
3
13-18 A
8
1.6-2.5 A
4
9-14 A
9
1-1.6 A
56-10 A
100
10
1
0,1
0,01
0,1
1
10
100
2
3
4
5
6
7
8
9
Prospective Isc (kA)
1
Sum of I2dt (kA2s
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com