Electronic Components Datasheet Search
  English  ▼

X  

LS1D303 Datasheet(PDF) 34 Page - Schneider Electric

Part # LS1D303
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D303 Datasheet(HTML) 34 Page - Schneider Electric

Back Button LS1D303 Datasheet HTML 30Page - Schneider Electric LS1D303 Datasheet HTML 31Page - Schneider Electric LS1D303 Datasheet HTML 32Page - Schneider Electric LS1D303 Datasheet HTML 33Page - Schneider Electric LS1D303 Datasheet HTML 34Page - Schneider Electric LS1D303 Datasheet HTML 35Page - Schneider Electric LS1D303 Datasheet HTML 36Page - Schneider Electric LS1D303 Datasheet HTML 37Page - Schneider Electric LS1D303 Datasheet HTML 38Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
34
10/02
GV3 SPECIFICATIONS
Environment
Conforming to standards
IEC, NF C, BS, IEC, VDE
Approvals
ASE, CSA, UL, LROS, ÖVE
UL File Number
File E164864, CCN NLRV
CSA File Number
File LR 81630, Class 3211 05
Protective treatment
“TC”
Degree of protection / Conforming to IEC 60529
GV3ME open-mounted: IP 20
GV3ME in enclosure GV3CE01: IP 55
Shock resistance / Conforming to IEC 68-2-27
22 g for 20 ms duration
Vibration resistance / Conforming to IEC 68-2-6
2.5 g (0-25 Hz)
Ambient air temperature
Storage
-40 to +176 °F (-40 to + 80 °C)
Operation
Open
Enclosed
-4 to +140 °F (-20 to + 60 °C)
-4 to +104 °F (-20 to + 40 °C)
Temperature compensation
Conforming to IEC 60157-1
Open
Enclosed
-4 to +140 °F (-20 to + 60 °C)
-4 to +104 °F (-20 to + 40 °C)
Flame resistance
Conforming to IEC 60695-2-1
Conforms for 1760 °F (960 °C)
Maximum operating altitude
Without derating
9843 ft. (3000 m)
Operating position
Type
GV3ME06 through ME20
GV3ME25 through ME63
Wiring
Number of conductors and cross
sectional area (c.s.a.)
Solid cable
MinMax
MinMax
1-#16 to #8 AWG (1-6 mm2)
2-#16 to #8 AWG (1-6 mm2)
1-#12 to #1 AWG (2.5-35 mm2)
Flexible cable without cable end
1-#16 to #8 AWG (1-6 mm2)
2-#16 to #8 AWG (1-6 mm2)
1-#12 to #2 AWG (2.5-25 mm2)
2-#12 to #4 AWG (2.5-16 mm2)
Flexible cable with cable end
1-#16 to #10 AWG (1-4 mm2)
2-#16 to #10 AWG (1-4 mm2)
1-#12 to #2 AWG (2.5-25 mm2)
2-#12 to #4 AWG (2.5-16 mm2)
Tightening Torque
15 lb-in (1.7 N•m)
44 lb-in (5 N•m)
Technical Characteristics
Type
GV3ME06 through ME25
GV3ME40 through ME63
Rated insulation voltage (UI)
Conforming to IEC 60158-1
V
690
Conforming to
CSA C 22.2 No. 14 and UL 508
V
600 (B600)
Maximum conventional rated thermal current (lth)
Conforming to IEC 60157-1
A
63
Mechanical life
ops
100 000
50 000
Electrical life
ops: Closing-opening
AC-3 duty
ops
100 000
50 000
Maximum operating rate
ops/h
25
Sensitivity to phase failure
Conforms to IEC 60947-4-1 Sec 7-2-1-5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com