Electronic Components Datasheet Search
  English  ▼

X  

LS1D303 Datasheet(PDF) 42 Page - Schneider Electric

Part # LS1D303
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D303 Datasheet(HTML) 42 Page - Schneider Electric

Back Button LS1D303 Datasheet HTML 38Page - Schneider Electric LS1D303 Datasheet HTML 39Page - Schneider Electric LS1D303 Datasheet HTML 40Page - Schneider Electric LS1D303 Datasheet HTML 41Page - Schneider Electric LS1D303 Datasheet HTML 42Page - Schneider Electric LS1D303 Datasheet HTML 43Page - Schneider Electric LS1D303 Datasheet HTML 44Page - Schneider Electric LS1D303 Datasheet HTML 45Page - Schneider Electric LS1D303 Datasheet HTML 46Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
42
10/02
●
Nominal system voltage.
Technical Characteristics
Type
GV7
RE20–RE100
RS40–RS100
RE150
RS150
RE220
RS220
Utilization Category
Conforming to IEC 60947-2
A
A
A
Conforming to IEC 60947-4-1
AC-3
AC-3
AC-3
Rated Operational Voltage (Ue)
Conforming to IEC 60947-2
690 V
690 V
690 V
Rated Insulation Voltage (Ui)
Conforming to IEC 60947-2
750 V
750 V
750 V
Rated Operational Frequency ▲
Conforming to IEC 60947-2
50/60 Hz
50/60 Hz
50/60 Hz
Rated Impulse Withstand Voltage (U imp)
Conforming to IEC 60947-2
8 kV
8 kV
8 kV
Total Power Dissipated Per Pole
5 W
8.7 W
14.5 W
Mechanical Durability (C.O. – Close, Open)
50,000 C.O.
40,000 C.O.
20,000 C.O.
Electrical Durability
440 V
In/2
50,000 C.O.
40,000 C.O.
20,000 C.O.
440 V
In
30,000 C.O.
20,000 C.O.
10,000 C.O.
Rated Duty Conforming to IEC 60947-4-1
Continuous duty
Continuous duty
Continuous duty
Type
GV7
RE40–RE100
RS40–RS100
RE150
RS150
RE220
RS220
Rating
25–40 A to 60–100 A
90–150 A
90–150 A
132–220 A
132–220 A
Breaking Capacity
Conforming to
IEC 60947-2
230/240 V
Icu ◆
85 kA
100 kA
85 kA
100 kA
85 kA
100 kA
Ics% ■
100%
100%
100%
100%
100%
100%
400/415 V
Icu ◆
25 kA
70 kA
35 kA
70 kA
35 kA
70 kA
Ics% ■
100%
100%
100%
100%
100%
100%
440 V
Icu ◆
25 kA
65 kA
35 kA
65 kA
35 kA
65 kA
Ics% ■
100%
100%
100%
100%
100%
100%
500 V
Icu ◆
18 kA
50 kA
30 kA
50 kA
30 kA
50 kA
Ics% ■
100%
100%
100%
100%
100%
100%
690 V
Icu ◆
8 kA
10 kA
8 kA
10 kA
8 kA
10 kA
Ics% ■
100%
100%
100%
100%
100%
100%
▲
GV7R motor controllers and protectors are not recommended for use with variable speed controllers or soft start units for applications under 40 Hz.
◆
Icu - interrupting capacity at full voltage.
■
Ics - short-circuit interrupting capacity as a percentage of Icu.
UL Maximum RMS Short-Circuit Current (ka)
Type
Range
240 V ●
480 V ●
600 V ●
GV7 - RE40
25 to 40 A
25
25
10
GV7 - RE50
30 to 50 A
25
25
10
GV7 - RE80
48 to 80 A
25
25
10
GV7 - RE100
60 to 100 A
25
25
10
GV7 - RE150
90 to 150 A
25
25
10
GV7 - RE220
132 to 220 A
25
25
10
GV7 - RS40
25 to 40 A
65
65
10
GV7 - RS50
30 to 50 A
65
65
10
GV7 - RS80
48 to 80 A
65
65
10
GV7 - RS100
60 to 100 A
65
65
10
GV7 - RS150
90 to 150 A
65
65
10
GV7 - RS220
132 to 220 A
65
65
10
Group Installation: Maximum NTD fuse size: 1200 A / Maximum circuit breaker rating: 1200 A. Suitable for use on a circuit with an available short circuit
current level no greater than the short circuit current rating of the manual motor controller, or circuit breaker, whichever is less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com