Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
WM8581
Production Data
w
PD Rev 4.0 April 2007
70
ERROR HANDLING IN SOFTWARE MODE
When the TRANS_ERR flag is asserted, the recovered S/PDIF sub-frame is corrupted. When the
INVALID flag is asserted, the recovered S/PDIF sub-frame is marked as being invalid.
The S/PDIF receiver has two modes of error handling for these errors, manual and automatic. The
mechanism for each flag is similar and is described below.
MANUAL ERROR HANDLING
When the flag is not masked using the MASK register, the recovered S/PDIF data is passed to the
digital audio interface and DAC1 or to the S/PDIF transmitter (note 1) irrespective of the state of the
flag and the data content of the recovered stream. In this case the application processor will be
interrupted via the INT_N signal and appropriate action should be taken by the application processor
to handle the error condition.
AUTOMATIC ERROR HANDLING
When the flag is masked using the MASK register, the WM8581 will automatically overwrite the
recovered S/PDIF data with either all-zeros or the last valid data sample depending on the status of
FILLMODE. In this case the application processor will not be interrupted via the INT_N signal and
appropriate action will be taken by the WM8581 to handle the error condition.
The automatic error handling can be disabled for the INVALID flag if the ‘ALWAYSVALID’ bit is set. In
this case, recovered data which is marked as invalid will be allowed to pass to the digital audio
interface or to the S/PDIF transmitter.
Notes
1.
For the S/PDIF receiver to S/PDIF transmitter data path, only the INVALID flag will cause data to
be overwritten, the TRANS_ERR flag is not used to overwrite data which is passed to the
S/PDIF transmitter.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38
GP01
26h
8
FILLMODE
0
Fill Mode Overwrite Configuration
Determines S/PDIF receiver action when TRANS_ERR or
INVALID flag is masked and error condition sets the flag:
0 = Data from S/PDIF receiver is overwritten with last valid
data sample when flag is set.
1 = Data from S/PDIF receiver is overwritten as all zeros
when flag is set.
R39
GP02
27h
8
ALWAYSVALID
0
Automatic Error Handling Configuration for INVALID
Flag
0 = INVALID flag automatic error handling enabled.
1 = INVALID flag automatic error handling disabled.
Table 65 S/PDIF Receiver Automatic Error Handling Configuration Registers
NON-AUDIO DETECTION
Non-Audio data is indicated by the AUDIO_N and PCM_N flags. AUDIO_N is recovered from the
Channel Status block. PCM_N is set on detection of the 96-bit IEC-61937 non-audio data sync code,
embedded in the data section of the S/PDIF frame. If DAC1 is sourcing the S/PDIF Receiver and
either the AUDIO_N or PCM_N flags are asserted, DAC1 is automatically muted using the softmute
feature. As described above, any change of AUDIO_N or PCM_N status will cause an INT_N
interrupt (UPD_NON_AUDIO) to be generated. If the MASK register bit for AUDIO_N or PCM_N is
set, then the associated signal will not generate an interrupt (UPD_NON_AUDIO) but the DAC will be
muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com