Electronic Components Datasheet Search
  English  ▼

X  

WM8593 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8593_07 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
74
R27 (1Bh) – Additional Control Register 1 (ADD_CTRL1)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
Write
N/A
PGA_SR[2:0]
AUTO_INC
JD_INV
GPIO2_APP
GPIO1_APP
Default
0
1
0
0
1
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
GPIO1_APP
GPIO1 Application Select
0 = Use GPIO1 as data pin for audio interface mux
1 = Use GPIO1 as input for jack detect
GPIO2_APP
GPIO2 Application Select
0 = Use GPIO2 as data pin for audio interface mux
1 = Use GPIO2 as input for jack detect
JD_INV
Jack Detect Polarity
0 = Normal (active high)
1 = Inverted (active low)
AUTO_INC
2-wire Software Mode Auto Increment Enable
0 = Auto increment disabled
1 = Auto increment enabled
PGA_SR[2:0]
Sample Rate for PGA
000 = 32kHz
001 = 44.1kHz
010 = 48kHz
011 = 88.2kHz
100 = 96kHz
101 = 176.4kHz
11X = 192kHz
See Table 26 for further information on PGA sample rate versus volume ramp rate.
Figure 45 R27 – Additional Control Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com