Electronic Components Datasheet Search
  English  ▼

X  

WM8593 Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8593_07 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 98Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
97
PACKAGE DIMENSIONS
DM027.B
FT: 64 PIN TQFP (10 x 10 x 1.0 mm)
Θ
Θ
Θ
Θ
e
33
b
16
D1
17
64
49
48
D
1
32
E1
E
GAUGE
PLANE
L
0.25
L 1
c
SEATING
PLANE
A2
A1
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MS-026, VARIATION = ACD. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
Θ
Θ
Θ
Θ
0
o
3.5
o
7
o
Tolerances of Form and Position
ccc
0.08
REF:
JEDEC.95, MS-026, VARIATION ACD
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.05
-----
0.15
A2
1.00
b
0.22
c
-----
0.20
D
12.00 BSC
D1
10.00 BSC
E
12.00 BSC
10.00 BSC
e
0.50 BSC
L
0.60
0.95
0.17
0.09
0.27
1.05
0.45
0.75
1.00 REF
A
-C-
E1
L1
ccc
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com