Electronic Components Datasheet Search
  English  ▼

X  

WM8593 Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8593_07 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 98Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
95
RECOMMENDED ANALOGUE LOW PASS FILTER
Ω
Ω
Ω
Ω
Figure 72 Recommended Analogue Low Pass Filter (shown for VOUT1L/R)
Note: See WAN0176 for AC coupling capacitor selection information.
An external single pole RC filter is recommended (see Figure 72) if the device is driving a wideband
amplifier. Other filter architectures may provide equally good results.
EXTENDED INPUT IMPEDANCE CONFIGURATION
Ω
Ω
Figure 73 Extended Input Impedance Configuration
Note: See WAN0176 for AC coupling capacitor selection information.
The input impedance to the WM8593 is specified in the Electrical Characteristics section beginning
on p8, and is fixed across gain setting and signal routing options. If this input impedance is not
enough for the intended application, an alternative input configuration (Figure 73) is possible.
This configuration increases the input impedance to the WM8593 by 10kΩ, but reduces the overall
gain in the ADC and Bypass paths by -6dB. In order to compensate for this reduction in gain, +6dB
of gain should be set in the ADC Input PGA (by using ADC_AMP_VOL[1:0]) and in the bypass PGA
(by using PGAxx_VOL[7:0]).
Examples:
•
If a 2VRMS signal is applied to VIN1L and VIN1R and routed to VOUT1L and VOUT1R using
PGA1L and PGA1R, then setting PGA1L_VOL[7:0] and PGA1R_VOL[7:0] =0x00 is necessary to
see 2VRMS at VOUT1L and VOUT1R.
•
If a 2VRMS signal is applied to VIN1L and VIN1R and routed to ADCL and ADCR, then setting
ADC_AMP_VOL[1:0]=10 is necessary to see 0dBFS at the ADC outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com