Electronic Components Datasheet Search
  English  ▼

X  

WM8711L Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8711L
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711L Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8711L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
11
POWER CONSUMPTION – WM8711L
CURRENT CONSUMPTION
TYPICAL
MODE DESCRIPTION
AVDD
(1.8V)
HPVDD
(1.8V)
DCVDD
(1.5V)
DBVDD
(1.8V)
UNITS
DAC Playback, oscillator
and CLKOUT enabled
0
0
0
0
0
1.7
0.5
1.2
0.8
mA
DAC Playback, using
external MCLK
0
1
1
0
0
1.7
0.5
1.2
0.03
mA
Standby
0
1
1
1
1
9
0.1
0.4
-
µA
Power Down
1
1
1
1
1
-
-
0.3
-
µA
Table 2 Powerdown Mode Current Consumption Examples
Notes:
1.
TA = +25
oC. Slave Mode, fs = 48kHz, MCLK = 256fs (12.288MHz).
2.
All figures are quiescent, with no signal.
3.
The power dissipation in the headphone itself not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com