Electronic Components Datasheet Search
  English  ▼

X  

WM8711L Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8711L
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711L Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8711L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
22
The recommended external components required to complete the application are shown in Figure 11.
AGND
R1
C1
AGND
HPOUT
Figure 11 Headphone Output Application Drawing
Recommended values are C1 = 220uF (10V electrolytic), R1 = 47k
C1 forms a DC blocking capacitor to isolate the dc of the HPOUT from the headphones. R1 form a
pull down resistor to discharge C1 to prevent the voltage at the connection to the headphones from
rising to a level that may damage the headphones.
DEVICE OPERATION
DEVICE RESETTING
The WM8711/L contains a power on reset circuit that resets the internal state of the device to a
known condition. The power on reset is applied as DCVDD powers on and released only after the
voltage level of DCVDD crosses a minimum turn off threshold. If DCVDD later falls below a minimum
turn on threshold voltage then the power on reset is re-applied. The threshold voltages and
associated hysteresis are shown in the Electrical Characteristics table.
The user also has the ability to reset the device to a known state under software control as shown in
the table below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001111
Reset Register
8:0
RESET
not reset
Reset Register
Writing 00000000 to register resets
device
Table 6 Software Control of Reset
When using the software reset. In 3-wire mode the reset is applied on the rising edge of CSB and
released on the next rising edge of SCLK. In 2-wire mode the reset is applied for the duration of the
ACK signal (approximately 1 SCLK period, refer to Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com