Electronic Components Datasheet Search
  English  ▼

X  

WM8711L Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8711L
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711L Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8711L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
28
To accommodate system timing requirements the interpretation of BCLK maybe inverted, this is
controlled via the software shown in Table 9. This is especially appropriate for DSP mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FORMAT[1:0]
10
Audio Data Format Select
11 = DSP Mode, frame sync + 2 data
packed words
10 = I
2S Format, MSB-First left-1
justified
01 = MSB-First, left justified
00 = MSB-First, right justified
3:2
IWL[1:0]
10
Input Audio Data Bit Length Select
11 = 32 bits
10 = 24 bits
01 = 20 bits
00 = 16 bits
4
LRP
0
DACLRC phase control (in left, right
or I
2S modes)
1 = Right Channel DAC data when
DACLRC high
0 = Right Channel DAC data when
DACLRC low
(opposite phasing in I
2S mode)
or
DSP mode A/B select ( in DSP mode
only)
1 = MSB is available on 2
nd BCLK
rising edge after DACLRC rising
edge
0 = MSB is available on 1st BCLK
rising edge after DACLRC rising
edge
5
LRSWAP
0
DAC Left Right Clock Swap
1 = Right Channel DAC Data Left
0 = Right Channel DAC Data Right
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
0000111
Digital Audio
Interface Format
7
BCLKINV
0
Bit Clock Invert
1 = Invert BCLK
0 = Don’t invert BCLK
Table 9 Digital Audio Interface Control
Note: If right justified 32 bit mode is selected then the WM8711/L defaults to 24 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com