Electronic Components Datasheet Search
  English  ▼

X  

WM8980 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8980
Description  Stereo CODEC With Speaker Driver and Video Buffer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8980_07 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8980_07 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
WM8980
Pre-Production
w
PP Rev 3.1 March 2007
58
ZERO CROSS TIMEOUT
A zero-cross timeout function is also provided so that if zero cross is enabled on the input or output
PGAs the gain will automatically update after a timeout period if a zero cross has not occurred. This
is enabled by setting SLOWCLKEN. The timeout period is dependent on the clock input to the digital
and is equal to 221 * input clock period.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
Control
0
SLOWCLKEN
0
Slow clock enable. Used for both the
jack insert detect debounce circuit and
the zero cross timeout.
0 = slow clock disabled
1 = slow clock enabled
Table 40 Timeout Clock Enable Control
OUT3/OUT4 MIXERS AND OUTPUT STAGES
The OUT3/OUT4 pins can provide an additional stereo line output, a mono output, or a pseudo
ground connection for headphones. There is a dedicated analogue mixer for OUT3 and one for
OUT4 as shown in Figure 28.
The OUT3 and OUT4 output stages are powered from SPKVDD and SPKGND. The individually
controllable outputs also incorporate an optional 1.5x boost and level shifting stage.
Figure 28 OUT3 and OUT4 Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com