Electronic Components Datasheet Search
  English  ▼

X  

NCP511 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP511
Description  150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP511 Datasheet HTML 1Page - ON Semiconductor NCP511 Datasheet HTML 2Page - ON Semiconductor NCP511 Datasheet HTML 3Page - ON Semiconductor NCP511 Datasheet HTML 4Page - ON Semiconductor NCP511 Datasheet HTML 5Page - ON Semiconductor NCP511 Datasheet HTML 6Page - ON Semiconductor NCP511 Datasheet HTML 7Page - ON Semiconductor NCP511 Datasheet HTML 8Page - ON Semiconductor NCP511 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NCP511
http://onsemi.com
5
60
Figure 8. Line Transient Response
TIME (
ms)
100
500 600
400
300
700
200
900
0
3
−20
40
−40
4
20
800
Vin = 3.5 V to 4.5 V
Vout = 3.0 V
Cout = 1 mF
Iout = 1 mA
5
−150
3
4
5
50
−50
−100
0
4
Figure 9. Line Transient Response
Figure 10. Line Transient Response
TIME (
ms)
TIME (
ms)
0
3
5
20
100 120
80
60
140
40
180
160
20
100 120
80
60
140
40
180
160
Vin = 3.5 V to 4.5 V
Vout = 3.0 V
Cout = 1 mF
Iout = 100 mA
Cout = 1 mF
Iout = 150 mA
100
Vin = 3.5 V to 4.5 V
Vout = 3.0 V
−200
50
100
150
0
100
200
10
1000
400
200
TIME (
ms)
Figure 11. Load Transient Response
Figure 12. Load Transient Response
−10
0
20
1200
1800
600
800
1400 1600
1000
400
200
1200
1800
600
800
1400 1600
0
150
Vin = 3.5 V
Vout = 3.0 V
Cin = 1 mF
Cout = 1 mF
IO = 1 mA to 150 mA
Vin = 3.5 V
Vout = 3.0 V
Cin = 1 mF
Cout = 10 mF
Iout = 1 mA to 150 mA
150
0
−100
−200
TIME (
ms)
−50
−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com