Electronic Components Datasheet Search
  English  ▼

X  

NCP511 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP511
Description  150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP511 Datasheet HTML 1Page - ON Semiconductor NCP511 Datasheet HTML 2Page - ON Semiconductor NCP511 Datasheet HTML 3Page - ON Semiconductor NCP511 Datasheet HTML 4Page - ON Semiconductor NCP511 Datasheet HTML 5Page - ON Semiconductor NCP511 Datasheet HTML 6Page - ON Semiconductor NCP511 Datasheet HTML 7Page - ON Semiconductor NCP511 Datasheet HTML 8Page - ON Semiconductor NCP511 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 10
1
Publication Order Number:
NCP511/D
NCP511
150 mA CMOS Low Iq
Low−Dropout Voltage
Regulator
The NCP511 series of fixed output low dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent current. The
NCP511 series features an ultra−low quiescent current of 40
mA. Each
device contains a voltage reference unit, an error amplifier, a PMOS
power transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits.
The NCP511 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 1.0
mF. The
device is housed in the micro−miniature TSOP−5 surface mount
package. Standard voltage versions are 1.5 V, 1.8 V, 2.5 V, 2.7 V, 2.8 V,
3.0 V, 3.3 V, and 5.0 V. Other voltages are available in 100 mV steps.
Features
• Low Quiescent Current of 40 mA Typical
• Low Dropout Voltage of 100 mV at 100 mA
• Excellent Line and Load Regulation
• Maximum Operating Voltage of 6.0 V
• Low Output Voltage Option
• High Accuracy Output Voltage of 2.0%
• Industrial Temperature Range of −40°C to 85°C
• Pb−Free Packages are Available
Typical Applications
• Cellular Phones
• Battery Powered Instruments
• Hand−Held Instruments
• Camcorders and Cameras
Driver w/
Current
Limit
Vin
Vout
Thermal
Shutdown
Enable
GND
OFF
ON
1
3
5
2
Figure 1. Representative Block Diagram
This device contains 82 active transistors
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
TSOP−5
(SOT23−5, SC59−5)
SN SUFFIX
CASE 483
1
5
PIN CONNECTIONS AND
MARKING DIAGRAM
1
3
N/C
Vin
2
GND
Enable
4
Vout
5
(Top View)
http://onsemi.com
xxx = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NCP511

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP511 ONSEMI-NCP511 Datasheet
106Kb / 11P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
NCP51100ASNT1G ONSEMI-NCP51100ASNT1G Datasheet
2Mb / 16P
Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results

Similar Description - NCP511

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCV4299 ONSEMI-NCV4299 Datasheet
165Kb / 23P
150 mA Low?묭ropout Voltage Regulator
April, 2006 ??Rev. 16
NCP500 ONSEMI-NCP500_06 Datasheet
142Kb / 20P
150 mA CMOS Low Noise Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 19
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com