Electronic Components Datasheet Search
  English  ▼

X  

NCP511 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP511
Description  150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP511 Datasheet HTML 3Page - ON Semiconductor NCP511 Datasheet HTML 4Page - ON Semiconductor NCP511 Datasheet HTML 5Page - ON Semiconductor NCP511 Datasheet HTML 6Page - ON Semiconductor NCP511 Datasheet HTML 7Page - ON Semiconductor NCP511 Datasheet HTML 8Page - ON Semiconductor NCP511 Datasheet HTML 9Page - ON Semiconductor NCP511 Datasheet HTML 10Page - ON Semiconductor NCP511 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NCP511
http://onsemi.com
10
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping†
NCP511SN15T1
NCP511SN15T1G
NCP511SN18T1
NCP511SN18T1G
NCP511SN25T1
NCP511SN25T1G
NCP511SN27T1
NCP511SN27T1G
NCP511SN28T1
NCP511SN28T1G
NCP511SN30T1
NCP511SN30T1G
NCP511SN33T1
NCP511SN33T1G
NCP511SN50T1
NCP511SN50T1G
1.5
1.5
1.8
1.8
2.5
2.5
2.7
2.7
2.8
2.8
3.0
3.0
3.3
3.3
5.0
5.0
LBU
LBU
LBV
LBV
LBW
LBW
LBX
LBX
LBY
LBY
LBZ
LBZ
LCA
LCA
LCB
LCB
TSOP−5
3000 Units/
7
″ Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
NOTE:
Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com