Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 42Page - Texas Instruments ADC32RF55 Datasheet HTML 43Page - Texas Instruments ADC32RF55 Datasheet HTML 44Page - Texas Instruments ADC32RF55 Datasheet HTML 45Page - Texas Instruments ADC32RF55 Datasheet HTML 46Page - Texas Instruments ADC32RF55 Datasheet HTML 47Page - Texas Instruments ADC32RF55 Datasheet HTML 48Page - Texas Instruments ADC32RF55 Datasheet HTML 49Page - Texas Instruments ADC32RF55 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
7.3.5.7.2 Fast frequency hopping using GPIO1/2, SEN and SDATA pins
2 pins for channel A and 2 for channel B?
This mode is enabled by setting the SPISEL to logic high and using the following register writes:
1. Set 0x234 to 0x63 (NCO SEL MODE = 3, GPIO MODE = 3)
Table 7-29. NCO Frequency Selection SPI Interface Registers
# OF BANDS
SDATA
SEN
GPIO2
GPIO1
SDATA
SEN
GPIO2
GPIO1
SINGLE
0
0
0
0
NCO2 CHA
[1]
0
NCO1 CHA [1:0]
0
0
0
0
NCO2 CHB
[1]
0
NCO1 CHB [1:0]
DUAL
0
0
0
0
NCO2 CHA [1:0]
NCO1 CHA [1:0]
0
0
0
0
NCO2 CHB [1:0]
NCO1 CHB [1:0]
QUAD
NCO4 CHA [1:0]
NCO3 CHA [1:0]
NCO2 CHA [1:0]
NCO1 CHA [1:0]
NCO4 CHB [1:0]
NCO3 CHB [1:0]
NCO2 CHB [1:0]
NCO1 CHB [1:0]
7.3.5.7.3 Fast frequency hopping using the fast SPI
In this mode the GPIO1/2 pins are used as a "fast SPI" input which only updates the NCO selection registers. No
register address information needs to be sent. GPIO1 pin is SDATA and GPIO2 pin is SCLK.
This mode is enabled by setting the SPISEL to logic high and using the following register write:
1. Set 0x234 to 0x43 (NCO SEL MODE = 2, GPIO MODE = 3)
The NCO frequencies are selected as shown in Table 7-30.
Table 7-30. NCO Frequency Programming using FAST SPI
# OF
BANDS
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SINGLE
0
0
0
0
NCO1
CHB
[2]
0
NCO1 CHB
[1:0]
0
0
0
0
NCO1
CHA
[2]
0
NCO1 CHA
[1:0]
DUAL
0
0
0
0
NCO2 CHB
[1:0]
NCO1 CHB
[1:0]
0
0
0
0
NCO2 CHA
[1:0]
NCO1 CHA
[1:0]
QUAD
NCO4 CHB
[1:0]
NCO3 CHB
[1:0]
NCO2 CHB
[1:0]
NCO1 CHB
[1:0]
NCO4 CHA
[1:0]
NCO3 CHA
[1:0]
NCO2 CHA
[1:0]
NCO1 CHA
[1:0]
ADC32RF52
SBASAI6 – SEPTEMBER 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com