Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 98 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 98 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 94Page - Texas Instruments ADC32RF55 Datasheet HTML 95Page - Texas Instruments ADC32RF55 Datasheet HTML 96Page - Texas Instruments ADC32RF55 Datasheet HTML 97Page - Texas Instruments ADC32RF55 Datasheet HTML 98Page - Texas Instruments ADC32RF55 Datasheet HTML 99Page - Texas Instruments ADC32RF55 Datasheet HTML 100Page - Texas Instruments ADC32RF55 Datasheet HTML 101Page - Texas Instruments ADC32RF55 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
8.5 Layout
8.5.1 Layout Guidelines
There are several critical signals which require specific care during board design:
1. Analog input and clock signals
• Traces should be as short as possible and vias should be avoided where possible to minimize impedance
discontinuities.
• Traces should be routed using loosely coupled 100-Ω differential traces.
• Differential trace lengths should be matched as close as possible to minimize phase imbalance and HD2
degradation.
2. Digital JESD204B output interface
• Traces should be routed using tightly coupled 100-Ω differential traces.
3. Power and ground connections
• Provide low resistance connection paths to all power and ground pins.
• Use power and ground planes instead of traces.
• Avoid narrow, isolated paths which increase the connection resistance.
• Use a signal/ground/power circuit board stackup to maximize coupling between the ground and power
plane.
8.5.2 Layout Example
The following screen shot shows the top layer of the ADC32RF5x EVM.
• The input signal traces are routed as differential signals on the top layer avoiding vias. Care is taken
to maintain symmetry between positive and negative input with matched trace length to minimize phase
imbalance.
Figure 8-7 shows the layout example for 1x and 2x averaging configuration
Figure 8-8 shows the layout example for 4x averaging configuration
• JESD204B output interface lanes are routed differential and length matched
• Bypass caps are close to the power pins on the top layer avoiding vias.
ADC32RF52
SBASAI6 – SEPTEMBER 2023
www.ti.com
98
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com