Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 19Page - Texas Instruments ADC32RF55 Datasheet HTML 20Page - Texas Instruments ADC32RF55 Datasheet HTML 21Page - Texas Instruments ADC32RF55 Datasheet HTML 22Page - Texas Instruments ADC32RF55 Datasheet HTML 23Page - Texas Instruments ADC32RF55 Datasheet HTML 24Page - Texas Instruments ADC32RF55 Datasheet HTML 25Page - Texas Instruments ADC32RF55 Datasheet HTML 26Page - Texas Instruments ADC32RF55 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
6.10 Typical Characteristics (continued)
Typical values are at TA = 25°C, ADC sampling rate = 1.5 GSPS, 50% clock duty cycle, AVDD18 = 1.8 V, AVDD12, CLKVDD,
DVDD = 1.2 V and –1-dBFS differential input, Dither = DIS, unless otherwise noted
Sampling Rate (GSPS)
0.5
0.75
1
1.25
1.5
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
/4 (8-16-4-1)
/8 (8-16-4-1)
/16 (8-16-4-1)
/32 (8-16-4-1)
/64 (8-16-4-1)
/8 (4-16-8-1)
/16 (4-16-8-1)
/32 (4-16-8-1)
/64 (4-16-8-1)
/128 (4-16-8-1)
AIN = -1 dBFS, 1x AVG
Quad Band Decimation
Figure 6-55. Current vs Sampling Rate vs Complex Decimation
Sampling Rate (GSPS)
0.5
0.75
1
1.25
1.5
0.5
0.7
0.9
1.1
1.3
1.5
/16 (2-16-16-1)
/64 (2-16-16-1)
/64 (2-16-16-1)
/128 (2-16-16-1)
/32 (1-16-32-1)
/64 (1-16-32-1)
/128 (1-16-32-1)
AIN = -1 dBFS, 1x AVG
Quad Band Decimation
Figure 6-56. Current vs Sampling Rate vs Complex Decimation
www.ti.com
ADC32RF52
SBASAI6 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com