Electronic Components Datasheet Search
  English  ▼

X  

LP5810 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5810
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5810 Datasheet HTML 9Page - Texas Instruments LP5810 Datasheet HTML 10Page - Texas Instruments LP5810 Datasheet HTML 11Page - Texas Instruments LP5810 Datasheet HTML 12Page - Texas Instruments LP5810 Datasheet HTML 13Page - Texas Instruments LP5810 Datasheet HTML 14Page - Texas Instruments LP5810 Datasheet HTML 15Page - Texas Instruments LP5810 Datasheet HTML 16Page - Texas Instruments LP5810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
9.2 Functional Block Diagram
Undervoltage
Lockout (UVLO)
VIN
Interface and
Digital Core
EN
Thermal
Shutdown
(TSD)
SCL
SDA
SYNC
Over voltage
and short
circuit
protection
Boost
Switches
Control
Gate
Driver
SW
VOUT
Valley
Current
Sense
1.5V LDO
VOUT
Selection
-
+
+
–
VREF
0.6V
Soft Startup
Manual
mode 8-bit
Dot Current
(DC)
8-bit Individual PWM
Autonomous Animation
Engine Control
Time-cross-multiplexing (TCM)
GND
1-bit
Maximum
Current
(MC)
OUT0
OUT1
OUT2
OUT3
x4
De-ghosting
LOD/LSD
6-MHz
Oscillator
EA
Autonomous
mode 8-bit
Dot Current
(DC)
VDDIO
VDDIO
VOUT
VOUT
Figure 9-1. Functional Block Diagram
9.3 Feature Description
9.3.1 Synchronous Boost Converter
The integrated synchronous boost converter is designed to operate with 0.5 V to 5.5 V input voltage supply with
1.6 A (typ.) valley switch current limit. The LP5813 operates at quasi-constant frequency pulse width modulation
(PWM) mode, when driving moderate and heavy load. The switching frequency is 1 MHz when the input voltage
is above 1.5 V. The frequency is reduced to 0.5 MHz gradually when the input voltage decreases from 1.5 V
to 1 V, and keeps at 0.5 MHz when the input voltage is below 1 V. At light load conditions, the boost converter
operates at pulse frequency modulation (PFM) mode. During PWM operation, the converter works at adaptive
constant on-time valley current mode to achieve excellent line regulation and load regulation, by which a smaller
inductor and ceramic capacitors can be supported. Internal loop compensation simplifies the design complexity,
and also minimizes the external components.
When powering up, the default output voltage is 3 V. The output voltage can be configured at ‘Dev_config_0’
register from 3 V to 5.5 V, with 0.1 V step. The integrated boost works as a general boost converter, which can
power not only the LEDs driven by the device itself, but also other loads in the system.
9.3.1.1 Undervoltage Lockout
The LP5813 has a built-in undervoltage lockout (UVLO) circuit to make sure the device working properly. When
the input voltage is above the UVLO rising threshold 1.8 V, the boost of LP5813 can be enabled. After the
LP5813 completes soft-start process and the output voltage rises above 2.2 V, the LP5813 can work with the
input voltage down to 0.5 V. When the input voltage is below UVLO falling threshold 0.4 V, the device shuts
down.
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com