Electronic Components Datasheet Search
  English  ▼

X  

LP5810 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5810
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5810 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5810 Datasheet HTML 12Page - Texas Instruments LP5810 Datasheet HTML 13Page - Texas Instruments LP5810 Datasheet HTML 14Page - Texas Instruments LP5810 Datasheet HTML 15Page - Texas Instruments LP5810 Datasheet HTML 16Page - Texas Instruments LP5810 Datasheet HTML 17Page - Texas Instruments LP5810 Datasheet HTML 18Page - Texas Instruments LP5810 Datasheet HTML 19Page - Texas Instruments LP5810 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
OUT0
OUT1
OUT2
OUT3
D1
D2
D3
D4
Time
SW
SW
SW
SW
SW
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
One frame, Tframe
SW
PWM
Acting as scan switch
Acting as current sink
VOUT
Scan order 0
Scan order 1
Scan order 2
Scan order 3
Tblank
Tsub
Tdim
x4
De-ghosting
LOD/LSD
Red LED
Green LED
Blue LED
* Scan orders and numbers are configurable
*
Figure 9-3. Time-cross-multiplexing (TCM) Scheme
Figure 9-3 shows the simplified TCM scheme timing diagram of the four outputs. A complete display frame
includes 4 sub-periods. Each sub-period contains dimming period and blank time period. In switching period, 1
output is selected as switch and the other 3 OUTs are selected as current sinks. Blank time is applied between
two adjacent switching periods for ghosting elimination.
One sub-period cycle time Tsub is calculated as Equation 4:
Tsub=Tdim+Tblank
(4)
• Tdim is the scan switch on-time for one switching cycle, which equals to one PWM cycle 42 μs (PWM
frequency set as 24 kHz) or 84 μs (PWM frequency set as 12 kHz).
• Tblank is blank time is applied between two adjacent dimming periods, which is from 1 μs to 2 μs selected by
'Blank_Time' bits in Dev_Config11 Register.
One complete frame time Tframe is calculated as Equation 5:
Tframe=Tsub×Scan #
(5)
• Scan # is the total scan switches count.
The LP5813 can be configured to direct-drive mode, TCM-drive mode and mix-drive mode by the 'led_mode'
bits in 'Dev_Config_1' register. The mix-drive mode contains both direct drive mode and TCM-drive mode for
different outputs. With this method, the LP5813 can provide the maximum flexibility for LED configurations of
LED average current, LED count, and PCB layouts.
9.3.2.1 Direct drive mode
The direct drive mode can drive up to 4 LEDs (or 1 RGBW / RGBA / RGBY LED) by the internal constant current
sinks directly, when the 'led_mode' bit is 0h. The typical application circuit is illustrated in Figure 9-4. Each
current sink can support up to 51 mA maximum current. In the register map, LED_x (x = 0, 1, 2, 3) are used as
the name of each outputs for the related settings.
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com