Electronic Components Datasheet Search
  English  ▼

X  

LP5810 Datasheet(PDF) 23 Page - Texas Instruments

Part # LP5810
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5810 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5810 Datasheet HTML 19Page - Texas Instruments LP5810 Datasheet HTML 20Page - Texas Instruments LP5810 Datasheet HTML 21Page - Texas Instruments LP5810 Datasheet HTML 22Page - Texas Instruments LP5810 Datasheet HTML 23Page - Texas Instruments LP5810 Datasheet HTML 24Page - Texas Instruments LP5810 Datasheet HTML 25Page - Texas Instruments LP5810 Datasheet HTML 26Page - Texas Instruments LP5810 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
The LP5813 allow users to configure the dimming scale as exponential curve or linear curve, through the
‘exp_en’ bits in Dev_Config_5 and Dev_Config_6 registers. A human-eye-friendly visual performance can be
achieved by using the internal exponential scale. The linear scale has great linearity between PWM duty cycle
and PWM setting value, which provides flexible approach for external controlled gamma correction algorithm.
The 8-bit linear and exponential curves are shown as Figure 9-15.
100 %
80 %
60 %
40 %
20 %
0 %
0
32
64
96
128 160 192 224 255
PWM value (8-bits)
Linear
Scale
Exponenti
al Scale
Figure 9-15. Linear and Exponential PWM Dimming Curves
9.3.5 Autonomous Animation Engine Control
The LP5813 supports both manual mode and autonomous mode to control the DC and PWM of each LED.
In manual mode, the LEDs are directly controlled by the related configuration registers and reflect the value
immediately. In autonomous mode, the autonomous animation engine is applied for each LED, which can
realize vivid lighting effects without external processor control. The animation engine pattern is composed by 3
animation engine units (AEU) and 2 animation pause units (APU) for complex and flexible control. One AEU is
formed by 4 slopers, which is used for fading effect.
After setting up all animation engine pattern configurations, sending start_cmd to the device can let the
animation running autonomously, to free external controller real-time loading. The PWM value and unit status of
each LED can be read from PWM_value registers and pattern_status registers. To make sure the precision of
reading results, sending pause_cmd to pause the animation firstly is recommended.
9.3.5.1 Animation Engine Pattern
Each LED of the LP5813 has own animation engine, to achieve premium visual lighting effects. One whole
animation engine pattern is defined as Figure 9-16. 3 animation engine units (AEU) and 2 animation pause units
(APU) compose the animation engine pattern. AEU2 and AEU3 can be skipped by setting the playback times to
0. The LED current of each LEDs in the autonomous mode is set through the Autonomous_DC registers.
APU1
AEU1
AEU2
AEU3
APU2
Animation Engine Pattern
Animation engine pattern playback times - PT
PT1
PT2
PT3
Figure 9-16. Animation engine pattern
The whole animation pattern includes two APUs and three AEUs with several playback times:
• APUx (x = 1, 2): Animation pause unit, each unit includes one timing value T.
• AEUx (x = 1, 2, 3): Animation engine unit, including 5 PWM values PWM1 to PWM5 and 4 time values T1 to
T4.
• PT: Playback times of AEU1+AEU2+AEU3, which has 2-bit value to set 0/1/2/Infinite times.
• PTx: Playback times of AEUx (x=1/2/3), which has 2-bit value to set 0/1/2/Infinite times.
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com