Electronic Components Datasheet Search
  English  ▼

X  

AD8611 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8611
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611 Datasheet(HTML) 4 Page - Analog Devices

  AD8611 Datasheet HTML 1Page - Analog Devices AD8611 Datasheet HTML 2Page - Analog Devices AD8611 Datasheet HTML 3Page - Analog Devices AD8611 Datasheet HTML 4Page - Analog Devices AD8611 Datasheet HTML 5Page - Analog Devices AD8611 Datasheet HTML 6Page - Analog Devices AD8611 Datasheet HTML 7Page - Analog Devices AD8611 Datasheet HTML 8Page - Analog Devices AD8611 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8611/AD8612
Rev. A | Page 4 of 20
V+ = 3.0 V, V− = VGND = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
7
mV
Input Bias Current
IB
VCM = 0 V
−6
−4.0
μA
IB
−40°C ≤ TA ≤ +85°C
−7
−4.5
μA
Input Common-Mode Voltage Range
VCM
0
1.0
V
Common-Mode Rejection Ratio
CMRR
0 V ≤ VCM ≤ 1.0 V
55
dB
OUTPUT CHARACTERISTICS
Output High Voltage
VOH
IOH = −3.2 mA, VIN > 250 mV
1.21
V
Output Low Voltage
VOL
IOL = +3.2 mA, VIN > 250 mV
0.3
V
LATCH ENABLE INPUT
Not functional if VCC < 4.3 V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
2.7 V ≤ V+ ≤ 6 V
46
dB
Supply Currents
VO = 0 V, RL = ∞
V+ Supply Current2
I+
−40°C ≤ TA ≤ +85°C
4.5
6.5
mA
10
mA
Ground Supply Current2
IGND
−40°C ≤ TA ≤ +85°C
2.5
3.5
mA
5.5
mA
V– Supply Current2
I−
2
3.5
mA
−40°C ≤ TA ≤ +85°C
4.8
mA
DYNAMIC PERFORMANCE
Propagation Delay
tP
100 mV step with 20 mV overdrive3
4.5
6.5
ns
1 Output high voltage without pull-up resistor. It may be useful to have a pull-up resistor to V+ for 3 V operation.
2 Per comparator.
3 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com