Electronic Components Datasheet Search
  English  ▼

X  

AD8611 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8611
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8611 Datasheet HTML 10Page - Analog Devices AD8611 Datasheet HTML 11Page - Analog Devices AD8611 Datasheet HTML 12Page - Analog Devices AD8611 Datasheet HTML 13Page - Analog Devices AD8611 Datasheet HTML 14Page - Analog Devices AD8611 Datasheet HTML 15Page - Analog Devices AD8611 Datasheet HTML 16Page - Analog Devices AD8611 Datasheet HTML 17Page - Analog Devices AD8611 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8611/AD8612
Rev. A | Page 14 of 20
* CMRR = 66dB, ZERO AT 1 kHz
*
ECM1
30
98
POLY(2)
(1,98)
(2,98)
0
0.5
0.5
RCM1
30
31
10E3
RCM2
31
98
5
CCM1
30
31
15.9E-9
*
* Latch Section
*
RX
80
51
100E3
E1
10
98
(4,6)
1
S1
10
11
(80,51)
SLATCH1
R2
11
12
1
C3
12
98
5
4E-12
E2
13
98
(12,98)
1
R3
12
13
500
*
* Power Supply Section
*
GSY1
99
52
POLY(1)
(99,50)
4E-3
-2
6E-4
GSY2
52
50
POLY(1)
(99,50)
3
7E-3
-.6E-3
RSY
52
51
10
*
* Gain Stage Av = 250 fp=100 MHz
*
G2
98
20
(12,98)
0.25
R1
20
98
1000
C1
20
98
10E-13
E3
97
0
(99,0)
1
E4
52
0
(51,0)
1
V1
97
21
DC
0.8
V2
22
52
DC
0.8
D2
20
21
DX
D3
22
20
DX
*
* Q Output
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com