Electronic Components Datasheet Search
  English  ▼

X  

AD8611 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8611
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8611 Datasheet HTML 12Page - Analog Devices AD8611 Datasheet HTML 13Page - Analog Devices AD8611 Datasheet HTML 14Page - Analog Devices AD8611 Datasheet HTML 15Page - Analog Devices AD8611 Datasheet HTML 16Page - Analog Devices AD8611 Datasheet HTML 17Page - Analog Devices AD8611 Datasheet HTML 18Page - Analog Devices AD8611 Datasheet HTML 19Page - Analog Devices AD8611 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8611/AD8612
Rev. A | Page 17 of 20
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package Option
Branding
AD8611ARM-REEL
–40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
G1A
AD8611ARM-R2
–40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
G1A
AD8611ARMZ-REEL1
–40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
G1A
AD8611ARMZ-R21
–40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
G1A
AD8611AR
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8611AR-REEL
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8611AR-REEL7
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8611ARZ1
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8611ARZ-REEL1
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8611ARZ-REEL71
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8612ARU
–40°C to +85°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
AD8612ARU-REEL
–40°C to +85°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
AD8612ARUZ1
–40°C to +85°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
AD8612ARUZ-REEL1
–40°C to +85°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com