Electronic Components Datasheet Search
  English  ▼

X  

AD602 Datasheet(PDF) 17 Page - Analog Devices

Part # AD602
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD602 Datasheet HTML 13Page - Analog Devices AD602 Datasheet HTML 14Page - Analog Devices AD602 Datasheet HTML 15Page - Analog Devices AD602 Datasheet HTML 16Page - Analog Devices AD602 Datasheet HTML 17Page - Analog Devices AD602 Datasheet HTML 18Page - Analog Devices AD602 Datasheet HTML 19Page - Analog Devices AD602 Datasheet HTML 20Page - Analog Devices AD602 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD600/AD602
Rev. E | Page 17 of 28
This is a Class AB amplifier. As VIN increases in a positive
direction, Q1 conducts more heavily and its re becomes lower
while Q2 increases. Conversely, increasingly negative values of
VIN result in the re of Q2 decreasing, while the re of Q1 increases.
The design is chosen such that the net emitter resistance is
essentially independent of the instantaneous value of VIN,
resulting in moderately low distortion. Low values of resistance
and moderately high bias currents are important in achieving
the low noise, wide bandwidth, and low distortion of this
preamplifier. Heavy decoupling prevents noise on the power
supply lines from being conveyed to the input of the X-AMP.
Table 4. Measured Preamplifier Performance
Measurement
Value
Unit
Gain (f = 30 MHz)
6
dB
Bandwidth (−3 dB)
250
MHz
Input Signal for 1 dB Compression
1
V p-p
Distortion
VIN = 200 mV p-p
HD2
0.27
%
HD3
0.14
%
VIN = 500 mV p-p
HD2
0.44
%
HD3
0.58
%
System Input Noise
1.03
nV/√Hz
Spectral Density (NSD)
(Preamp plus X-AMP)
Input Resistance
1.4
kΩ
Input Capacitance
15
pF
Input Bias Current
±150
μA
Power Supply Voltage
±5
V
Quiescent Current
15
mA
A LOW NOISE AGC AMPLIFIER WITH 80 dB GAIN
RANGE
Figure 37 provides an example of the ease with which the
AD600 can be connected as an AGC amplifier. A1 and A2 are
cascaded, with 6 dB of attenuation introduced by the 100 Ω
resistor R1, while a time constant of 5 ns is formed by C1 and
the 50 Ω of net resistance at the input of A2. This has the dual
effect of lowering the overall gain range from 0 dB to 80 dB to
−6 dB to 74 dB and introducing a single-pole, low-pass filter
with a −3 dB frequency of about 32 MHz. This ensures stability
at the maximum gain for a slight reduction in the overall
bandwidth. The Capacitor C4 blocks the small dc offset voltage
at the output of A1 (which may otherwise saturate A2 at its
maximum gain) and introduces a high-pass corner at about
8 kHz, useful in eliminating low frequency noise and spurious
signals that can be present at the input.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
+
–
AD600
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
R1
100Ω
RF
INPUT
C4
0.1µF
C1
100pF
+5V
R3
46.4kΩ
R4
3.74kΩ
C3
15pF
AD590
+5V
Q1
2N3904
FB
FB
+5V
–5V
+5V DEC
–5V DEC
0.1µF
0.1µF
POWER SUPPLY
DECOUPLING NETWORK
RF
OUTPUT
+5V DEC
–5V DEC
+
–
VPTAT
VG´
300µA
(AT 300K)
C2
1µF
R2
806Ω
1%
Figure 37. This Accurate HF AGC Amplifier Uses Three Active Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com