Electronic Components Datasheet Search
  English  ▼

X  

AD602 Datasheet(PDF) 18 Page - Analog Devices

Part # AD602
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD602 Datasheet HTML 14Page - Analog Devices AD602 Datasheet HTML 15Page - Analog Devices AD602 Datasheet HTML 16Page - Analog Devices AD602 Datasheet HTML 17Page - Analog Devices AD602 Datasheet HTML 18Page - Analog Devices AD602 Datasheet HTML 19Page - Analog Devices AD602 Datasheet HTML 20Page - Analog Devices AD602 Datasheet HTML 21Page - Analog Devices AD602 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD600/AD602
Rev. E | Page 18 of 28
A simple half-wave detector is used based on Q1 and R2. The
average current into Capacitor C2 is the difference between the
current provided by the AD590 (300 μA at 300 K, 27°C) and the
collector current of Q1. In turn, the control voltage VG is the
time integral of this error current. When VG (thus the gain) is
stable, the rectified current in Q1 must, on average, balance
exactly the current in the AD590. If the output of A2 is too
small to do this, VG ramps up, causing the gain to increase until
Q1 conducts sufficiently. The operation of this control system
follows.
First, consider the particular case where R2 is zero and the
output voltage VOUT is a square wave at, for example, 100 kHz,
well above the corner frequency of the control loop. During the
time VOUT is negative, Q1 conducts. When VOUT is positive, it is
cut off. Since the average collector current is forced to be
300 μA and the square wave has a 50% duty-cycle, the current
when conducting must be 600 μA. With R2 omitted, the peak
value of VOUT would be just the VBE of Q1 at 600 μA (typically
about 700 mV) or 2 VBE p-p. This voltage, thus the amplitude at
which the output stabilizes, has a strong negative temperature
coefficient (TC), typically –1.7 mV/°C. While this may not be
troublesome in some applications, the correct value of R2
renders the output stable with temperature.
To understand this, first note that the current in the AD590 is
closely proportional to absolute temperature (PTAT). In fact,
this IC is intended for use as a thermometer. For the moment,
assume that the signal is a square wave. When Q1 is conducting,
VOUT is the sum of VBE. VOUT is also a voltage that is PTAT and
that can be chosen to have a TC equal but opposite to the TC of
the base-to-emitter voltage. This is actually nothing more than
the band gap voltage reference principle in thinly veiled
disguise. When R2 is chosen so that the sum of the voltage
across it and the VBE of Q1 is close to the band gap voltage of
about 1.2 V, VOUT is stable over a wide range of temperatures,
provided Q1 and the AD590 share the same thermal environment.
Since the average emitter current is 600 μA during each half-
cycle of the square wave, a resistor of 833 Ω would add a PTAT
voltage of 500 mV at 300 K, increasing by 1.66 mV/°C. In
practice, the optimum value of R2 depends on the transistor
used and, to a lesser extent, on the waveform for which the
temperature stability is to be optimized; for the devices shown
and sine wave signals, the recommended value is 806 Ω. This
resistor also serves to lower the peak current in Q1 and the
200 Hz LP filter it forms with C2 helps to minimize distortion
due to ripple in VG. Note that the output amplitude under sine
wave conditions is higher than for a square wave because the
average value of the current for an ideal rectifier would be
0.637 times as large, causing the output amplitude to be 1.88 V
(= 1.2/0.637), or 1.33 V rms. In practice, the somewhat nonideal
rectifier results in the sine wave output being regulated to about
1.275 V rms.
An offset of 375 mV is applied to the inverting gain-control
inputs C1LO and C2LO. Therefore, the nominal –625 mV to
+625 mV range for VG is translated upwards (at VG´) to –0.25 V
for minimum gain to +1 V for maximum gain. This prevents
Q1 from going into heavy saturation at low gains and leaves
sufficient headroom of 4 V for the AD590 to operate correctly
at high gains when using a 5 V supply.
In fact, the 6 dB interstage attenuator means that the overall
gain of this AGC system actually runs from –6 dB to +74 dB.
Thus, an input of 2 V rms would be required to produce a
1 V rms output at the minimum gain, which exceeds the 1 V rms
maximum input specification of the AD600. The available gain
range is therefore 0 dB to 74 dB (or X1 to X5000). Since the gain
scaling is 15.625 mV/dB (because of the cascaded stages), the
minimum value of VG´ is actually increased by 6 × +15.625 mV,
or about 94 mV, to −156 mV, so the risk of saturation in Q1 is
reduced.
The emitter circuit of Q1 is somewhat inductive (due its finite ft
and base resistance). Consequently, the effective value of R2
increases with frequency. This results in an increase in the
stabilized output amplitude at high frequencies, but for the
addition of C3, determined experimentally to be 15 pF for the
2N3904 for maximum response flatness. Alternatively, a faster
transistor can be used here to reduce HF peaking. Figure 38
shows the ac response at the stabilized output level of about
1.3 rms. Figure 39 demonstrates the output stabilization for the
sine wave inputs of 1 mV to 1 V rms at frequencies of 100 kHz,
1 MHz, and 10 MHz.
FREQUENCY (MHz)
1
100
10
0.1
3dB
Figure 38. AC Response at the Stabilized Output Level of 1.3 V rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com