Electronic Components Datasheet Search
  English  ▼

X  

AD602 Datasheet(PDF) 25 Page - Analog Devices

Part # AD602
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD602 Datasheet HTML 20Page - Analog Devices AD602 Datasheet HTML 21Page - Analog Devices AD602 Datasheet HTML 22Page - Analog Devices AD602 Datasheet HTML 23Page - Analog Devices AD602 Datasheet HTML 24Page - Analog Devices AD602 Datasheet HTML 25Page - Analog Devices AD602 Datasheet HTML 26Page - Analog Devices AD602 Datasheet HTML 27Page - Analog Devices AD602 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD600/AD602
Rev. E | Page 25 of 28
5
3
–5
4
2
0
1
–1
–3
–2
–4
1µ
10µ
10
1
100m
10m
1m
100µ
INPUT SIGNAL (V rms)
Figure 52. VLOG Is Linear over the Full 120 dB Range
Figure 52 shows VLOG to be linear over a full 120 dB range.
Figure 53 shows the error ripple due to the individual gain
functions bounded by ±0.2 dB (dotted lines) from 6 μV to 2 V.
The small perturbations at about 200 μV and 20 mV, caused by
the impracticality of matching the gain functions perfectly, are
the only sign that the gains are now sequential. Figure 54 is a
plot of VAGC that remains very close to its set value of 316 mV
rms over the full 120 dB range.
To compare the SNRs in the simultaneous and sequential
modes of operation more directly, all interstage attenuation was
eliminated (R2 and R3 in Figure 47 and R2 in Figure 51), the
input of U1A was shorted, R5 was selected to provide a 20 kHz
bandwidth (R5 = 7.87 kΩ), and only the gain control was
varied, using an external source. The rms value of the noise was
then measured at VOUT and expressed as an SNR relative to
0 dBV, which is almost the maximum output capability of the
AD600. Results for the simultaneous mode can be seen in
Figure 55. The SNR degrades uniformly as the gain is increased.
Note that since the inverting gain control was used, the gain in
this curve and in Figure 56 decreases for more positive values of
the gain-control voltage.
2.0
–2.0
0.5
1.0
1.5
–1.5
–1.0
–0.5
–0.2
0.2
0
1µ
10µ
10
1
100m
10m
1m
100µ
INPUT SIGNAL (V rms)
Figure 53. Error Ripple due to the Individual Gain Functions
400
300
200
350
250
1µ
10µ
10
1
100m
10m
1m
100µ
INPUT SIGNAL (V rms)
Figure 54. VAGC Remains Close to Its Setpoint of
316 mV rms over the Full 120 dB Range
90
0
833.2
20
10
–625.0
–833.2
30
40
50
60
70
80
625.0
416.6
208.3
0
–208.3
–416.6
VC (mV)
VC SCALE = 10.417mV/dB
Figure 55. SNR vs. Control Voltage for Parallel Gain Control (See Figure 47)
In contrast, the SNR for the sequential mode is shown in Figure 56.
U1A always acts as a fixed noise source; varying its gain has no
influence on the output noise. This is a feature of the X-AMP
technique. Therefore, for the first 40 dB of control range
(actually slightly more, as is explained later), when only this
VCA section has its gain varied, the SNR remains constant.
During this time, the gains of U1B and U2A are at their
minimum value of −1.07 dB.
VC (V)
90
0
3.817
20
10
–0.558
–1.183
30
40
50
60
70
80
3.192
2.567
1.942
1.317
0.692
0.067
VC SCALE = 31.25mV/dB
Figure 56. SNR vs. Control Voltage for Sequential Gain Control (See Figure 51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com