Electronic Components Datasheet Search
  English  ▼

X  

AD829 Datasheet(PDF) 8 Page - Analog Devices

Part # AD829
Description  High Speed, Low Noise Video Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD829 Datasheet HTML 4Page - Analog Devices AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices AD829 Datasheet HTML 10Page - Analog Devices AD829 Datasheet HTML 11Page - Analog Devices AD829 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. G
–8–
AD829
400
350
300
250
200
150
100
AV = +20
SLEW RATE 10% to 90%
60
–20
–0
20
40
60
80 100
140
40
–
120
TEMPERATURE ( C)
VS = 5V
VS = 15V
RISE
FALL
RISE
FALL
TPC 19. Slew Rate vs. Temperature
0.05
0.04
5
10
15
0.03
SUPPLY VOLTAGE (V)
0.02
0.01
0.03
DIFF PHASE
0.043
DIFF GAIN
TPC 20. Differential Gain and Phase
vs. Supply
+VS
0.1 F
CCOMP
(EXTERNAL)
–VS
0.1 F
OFFSET
NULL
ADJUST
20k
AD829
Figure 2. Offset Null and
External Shunt Compensation
Connections
5pF
300
300
50
HP8130A
5ns RISE TIME
50
CABLE
TEKTRONIX
TYPE 7A24
PREAMP
+15V
0.1 F
CCOMP
15pF
–15V
0.1 F
AD829
50
CABLE
50
50
Figure 3a. Follower Connection. Gain = +2
Figure 3b. Gain-of-2 Follower
Large Signal Pulse Response
Figure 3c. Gain-of-2 Follower Small
Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com