Electronic Components Datasheet Search
  English  ▼

X  

AD829 Datasheet(PDF) 2 Page - Analog Devices

Part # AD829
Description  High Speed, Low Noise Video Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 2 Page - Analog Devices

  AD829 Datasheet HTML 1Page - Analog Devices AD829 Datasheet HTML 2Page - Analog Devices AD829 Datasheet HTML 3Page - Analog Devices AD829 Datasheet HTML 4Page - Analog Devices AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. G
–2–
AD829–SPECIFICATIONS (@ T
A = 25 C and VS =
15 V dc, unless otherwise noted.)
AD829JR
AD829AR
AD829AQ/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
±5 V, ±15 V
0.2
1
0.2
1
0.1
0.5
mV
TMIN to TMAX
11
0.5
mV
Offset Voltage Drift
±5 V, ±15 V
0.3
0.3
0.3
µV/°C
INPUT BIAS CURRENT
±5 V, ±15 V
3.3
7
3.3
7
3.3
7
µA
TMIN to TMAX
8.2
9.5
9.5
µA
INPUT OFFSET CURRENT
±5 V, ±15 V
50
500
50
500
50
500
nA
TMIN to TMAX
500
500
500
nA
Offset Current Drift
±5 V, ±15 V
0.5
0.5
0.5
nA/
°C
OPEN-LOOP GAIN
VO =
±2.5 V
±5 V
RLOAD = 500
Ω
30
65
30
65
30
65
V/mV
TMIN to TMAX
20
20
20
V/mV
RLOAD = 150
Ω
40
40
40
V/mV
VOUT =
±10 V
±15 V
RLOAD = 1 k
Ω
50
100
50
100
50
100
V/mV
TMIN to TMAX
20
20
20
V/mV
RLOAD = 500
Ω
85
85
85
V/mV
DYNAMIC PERFORMANCE
Gain Bandwidth Product
±5 V
600
600
600
MHz
±15 V
750
750
750
MHz
Full Power Bandwidth
1, 2
VO = 2 V p-p
RLOAD = 500
Ω±5 V
25
25
25
MHz
VO = 20 V p-p
RLOAD = 1 k
Ω±15 V
3.6
3.6
3.6
MHz
Slew Rate
2
RLOAD = 500
Ω±5 V
150
150
150
V/
µs
RLOAD = 1 k
Ω±15 V
230
230
230
V/
µs
Settling Time to 0.1%
AV = –19
–2.5 V to +2.5 V
±5 V
65
65
65
ns
10 V Step
±15 V
90
90
90
ns
Phase Margin
2
CLOAD = 10 pF
±15 V
RLOAD = 1 k
Ω
60
60
60
Degrees
DIFFERENTIAL GAIN ERROR
3
RLOAD = 100
Ω±15 V
CCOMP = 30 pF
0.02
0.02
0.02
%
DIFFERENTIAL PHASE ERROR
3
RLOAD = 100
Ω±15 V
CCOMP = 30 pF
0.04
0.04
0.04
Degrees
COMMON-MODE REJECTION
VCM =
±2.5 V
±5 V
100
120
100
120
100
120
dB
VCM =
±12 V
±15 V
100
120
100
120
100
120
dB
TMIN to TMAX
96
96
96
dB
POWER SUPPLY REJECTION
VS =
±4.5 V to ±18 V
98
120
98
120
98
120
dB
TMIN to TMAX
94
94
94
dB
INPUT VOLTAGE NOISE
f = 1 kHz
±15 V
1.7
2
1.7
2
1.7
2
nV/
√Hz
INPUT CURRENT NOISE
f = 1 kHz
±15 V
1.5
1.5
1.5
pA/
√Hz
INPUT COMMON-MODE
VOLTAGE RANGE
±5 V
+4.3
+4.3
+4.3
V
–3.8
–3.8
–3.8
V
±15 V
+14.3
+14.3
+14.3
V
–13.8
–13.8
–13.8
V
OUTPUT VOLTAGE SWING
RLOAD = 500
Ω±5 V
±3.0 ±3.6
±3.0 ±3.6
±3.0 ±3.6
V
RLOAD = 150
Ω±5 V
±2.5 ±3.0
±2.5 ±3.0
±2.5 ±3.0
V
RLOAD = 50
Ω±5 V
±1.4
±1.4
±1.4
V
RLOAD = 1 k
Ω±15 V
±12
±13.3
±12
±13.3
±12
±13.3
V
RLOAD = 500
Ω±15 V
±10
±12.2
±10
±12.2
±10
±12.2
V
Short Circuit Current
±5 V, ±15 V
32
32
32
mA
INPUT CHARACTERISTICS
Input Resistance (Differential)
13
13
13
k
Ω
Input Capacitance (Differential)
4
55
5
pF
Input Capacitance (Common Mode)
1.5
1.5
1.5
pF
CLOSED-LOOP OUTPUT
RESISTANCE
AV = +1, f = 1 kHz
2
2
2
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com