Electronic Components Datasheet Search
  English  ▼

X  

AD1870 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1870
Description  Single-Supply 16-Bit Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1870 Datasheet HTML 2Page - Analog Devices AD1870 Datasheet HTML 3Page - Analog Devices AD1870 Datasheet HTML 4Page - Analog Devices AD1870 Datasheet HTML 5Page - Analog Devices AD1870 Datasheet HTML 6Page - Analog Devices AD1870 Datasheet HTML 7Page - Analog Devices AD1870 Datasheet HTML 8Page - Analog Devices AD1870 Datasheet HTML 9Page - Analog Devices AD1870 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD1870
REV. A
–6–
24
2
022
20
18
16
14
12
10
8
6
4
FREQUENCY – kHz
0
–140
–80
–120
–100
–20
–60
–40
TPC 1. 1 kHz Tone at –0.5 dBFS (16 k-Point FFT)
0
–140
24
–80
–120
2
–100
0
–20
–60
–40
22
20
18
16
14
12
10
8
6
4
FREQUENCY – kHz
TPC 2. 1 kHz Tone at –10 dBFS (16 k-Point FFT)
FREQUENCY – kHz
–80
–100
20
–94
–98
2
–96
0
–88
–92
–90
–86
–84
–82
18
16
14
12
10
8
6
4
TPC 3. THD + N vs. Frequency at –0.5 dBFS
INPUT AMPLITUDE – dBFS
–80
–100
–94
–98
–96
–60
–88
–92
–90
–86
–84
–82
–0.5
–50
–40
–30
–20
–10
TPC 4. THD + N vs. Input Amplitude at 1 kHz
FREQUENCY – kHz
–60
–100
20
–95
2
0
–80
–90
–85
–75
–70
–65
18
16
14
12
10
8
6
4
TPC 5. Power Supply Rejection to 300 mV p-p on AVDD
FREQUENCY – kHz
–80
20
–115
2
–120
0
–100
–105
–95
–90
–85
18
16
14
12
10
8
6
4
–110
TPC 6. Channel Separation vs. Frequency at –0.5 dBFS
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com