Electronic Components Datasheet Search
  English  ▼

X  

AD8051 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8051
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8051 Datasheet(HTML) 1 Page - Analog Devices

  AD8051 Datasheet HTML 1Page - Analog Devices AD8051 Datasheet HTML 2Page - Analog Devices AD8051 Datasheet HTML 3Page - Analog Devices AD8051 Datasheet HTML 4Page - Analog Devices AD8051 Datasheet HTML 5Page - Analog Devices AD8051 Datasheet HTML 6Page - Analog Devices AD8051 Datasheet HTML 7Page - Analog Devices AD8051 Datasheet HTML 8Page - Analog Devices AD8051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost, High Speed,
Rail-to-Rail Amplifiers
AD8051/AD8052/AD8054
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
High speed and fast settling on 5 V
110 MHz, −3 dB bandwidth (G = +1) (AD8051/AD8052)
150 MHz, −3 dB bandwidth (G = +1) (AD8054)
145 V/μs slew rate
50 ns settling time to 0.1%
Single-supply operation
Output swings to within 25 mV of either rail
Input voltage range: −0.2 V to +4 V; VS = 5 V
Video specifications (G = +2)
0.1 dB gain flatness: 20 MHz; RL = 150 Ω
Differential gain/phase: 0.03%/0.03°
Low distortion
−80 dBc total harmonic @ 1 MHz, RL = 100 Ω
Outstanding load drive capability
Drives 45 mA, 0.5 V from supply rails (AD8051/AD8052)
Drives 50 pF capacitive load (G = +1) (AD8051/AD8052)
Low power: 2.75 mA/amplifier (AD8054)
Low power: 4.4 mA/amplifier (AD8051/AD8052)
APPLICATIONS
Active filters
A/D drivers
Consumer video
Professional cameras
CCD imaging systems
CD/DVD ROMs
GENERAL DESCRIPTION
The AD8051 (single), AD8052 (dual), and AD8054 (quad) are
low cost, high speed, voltage feedback amplifiers. The amplifiers
operate on +3 V, +5 V, or ±5 V supplies at low supply current.
They have true single-supply capability with an input voltage
range extending 200 mV below the negative rail and within 1 V
of the positive rail.
Despite their low cost, the AD8051/AD8052/AD8054 provide
excellent overall performance and versatility. The output voltage
swings to within 25 mV of each rail, providing maximum output
dynamic range with excellent overdrive recovery.
The AD8051/AD8052/AD8054 are well suited for video
electronics, cameras, video switchers, or any high speed portable
equipment. Low distortion and fast settling make them ideal for
active filter applications.
PIN CONNECTIONS (TOP VIEWS)
8
7
6
5
1
2
3
4
NC
–IN
+IN
NC
NC
AD8051
NC = NO CONNECT
+VS
VOUT
–VS
1
2
3
5
4 –IN
+IN
AD8051
+–
+VS
VOUT
–VS
Figure 1. SOIC-8 (R)
Figure 2. SOT-23-5 (RJ)
8
7
6
5
1
2
3
4
+
–
+
–
OUT1
–IN1
+IN1
OUT
–IN2
AD8052
+IN2
+VS
–VS
V+
+IN B
OUT B
OUT D
+IN D
V–
+IN C
OUT C
AD8054
+IN A
OUT A 1
2
3
4
5
6
7
14
13
12
11
10
9
8
–IN A
–IN B
–IN D
–IN C
Figure 3. SOIC (R-8) and MSOP (RM-8)
Figure 4. SOIC (R-14) and TSSOP (RU-14)
The AD8051/AD8052 in the 8-lead SOIC, the AD8052 in the
MSOP, the AD8054 in the 14-lead SOIC, and the 14-lead TSSOP
packages are available in the extended temperature range of
−40°C to +125°C.
FREQUENCY (MHz)
4.5
0
50
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
5.0
0.1
1
10
VS = 5V
G = –1
RF = 2kΩ
RL = 2kΩ
Figure 5. Low Distortion Rail-to-Rail Output Swing


Similar Part No. - AD8051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8051 AD-AD8051 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8051 AD-AD8051 Datasheet
741Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. K
AD8051AR AD-AD8051AR Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8051AR AD-AD8051AR Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
More results

Similar Description - AD8051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8054 AD-AD8054_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com