Electronic Components Datasheet Search
  English  ▼

X  

AD8051 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8051
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8051 Datasheet(HTML) 3 Page - Analog Devices

  AD8051 Datasheet HTML 1Page - Analog Devices AD8051 Datasheet HTML 2Page - Analog Devices AD8051 Datasheet HTML 3Page - Analog Devices AD8051 Datasheet HTML 4Page - Analog Devices AD8051 Datasheet HTML 5Page - Analog Devices AD8051 Datasheet HTML 6Page - Analog Devices AD8051 Datasheet HTML 7Page - Analog Devices AD8051 Datasheet HTML 8Page - Analog Devices AD8051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8051/AD8052/AD8054
Rev. G | Page 3 of 24
SPECIFICATIONS
@ TA = 25°C, VS = 5 V, RL = 2 kΩ to 2.5 V, unless otherwise noted.
Table 1.
AD8051A/AD8052A
AD8054A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
70
110
80
150
MHz
G = –1, +2, VO = 0.2 V p-p
50
60
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p,
RL = 150 Ω to 2.5 V, RF = 806 Ω
for AD8051A/AD8052A
20
MHz
RF = 200 Ω for AD8054A
12
MHz
Slew Rate
G = –1, VO = 2 V step
100
145
140
170
V/μs
Full Power Response
G = +1, VO = 2 V p-p
35
45
MHz
Settling Time to 0.1%
G = –1, VO = 2 V step
50
40
MHz
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion1
fC = 5 MHz, VO = 2 V p-p, G = +2
−67
−68
dB
Input Voltage Noise
f = 10 kHz
16
16
nV/√Hz
Input Current Noise
f = 10 kHz
850
850
fA/√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω to 2.5 V
0.09
0.07
%
RL = 1 kΩ to 2.5 V
0.03
0.02
%
Differential Phase Error (NTSC)
G = +2, RL = 150 Ω to 2.5 V
0.19
0.26
Degrees
RL = 1 kΩ to 2.5 V
0.03
0.05
Degrees
Crosstalk
f = 5 MHz, G = +2
−60
−60
dB
DC PERFORMANCE
Input Offset Voltage
1.7
10
1.7
12
mV
TMIN − TMAX
25
30
mV
Offset Drift
10
15
μV/°C
Input Bias Current
1.4
2.5
2
4.5
μA
TMIN − TMAX
3.25
4.5
μA
Input Offset Current
0.1
0.75
0.2
1.2
μA
Open-Loop Gain
RL = 2 kΩ to 2.5 V
86
98
82
98
dB
TMIN − TMAX
96
96
dB
RL = 150 Ω to 2.5 V
76
82
74
82
dB
TMIN − TMAX
78
78
dB
INPUT CHARACTERISTICS
Input Resistance
290
300
kΩ
Input Capacitance
1.4
1.5
pF
Input Common-Mode Voltage Range
−0.2 to
+4
−0.2 to
+4
V
Common-Mode Rejection Ratio
VCM = 0 V to 3.5 V
72
88
70
86
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ to 2.5 V
0.015 to
4.985
0.03 to
4.975
V
RL = 2 kΩ to 2.5 V
0.1 to
4.9
0.025 to
4.975
0.125 to
4.875
0.05 to
4.95
V
RL = 150 Ω to 2.5 V
0.3 to
4.625
0.2 to
4.8
0.55 to
4.4
0.25 to
4.65
V
Output Current
VOUT = 0.5 V to 4.5 V
45
30
mA
TMIN − TMAX
45
30
mA
Short-Circuit Current
Sourcing
80
45
mA
Sinking
130
85
mA
Capacitive Load Drive
G = +1 (AD8051/AD8052)
50
pF
G = +2 (AD8054)
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com