Electronic Components Datasheet Search
  English  ▼

X  

AD8051 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8051
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8051 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8051 Datasheet HTML 12Page - Analog Devices AD8051 Datasheet HTML 13Page - Analog Devices AD8051 Datasheet HTML 14Page - Analog Devices AD8051 Datasheet HTML 15Page - Analog Devices AD8051 Datasheet HTML 16Page - Analog Devices AD8051 Datasheet HTML 17Page - Analog Devices AD8051 Datasheet HTML 18Page - Analog Devices AD8051 Datasheet HTML 19Page - Analog Devices AD8051 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8051/AD8052/AD8054
Rev. G | Page 16 of 24
THEORY OF OPERATION
CIRCUIT DESCRIPTION
The rail-to-rail output range of the AD8051/AD8052/AD8054
is provided by a complementary common-emitter output stage.
High output drive capability is provided by injecting all output
stage predriver currents directly into the bases of the output
devices Q8 and Q36. Biasing of Q8 and Q36 is accomplished by
I8 and I5, along with a common-mode feedback loop (not
shown). This circuit topology allows the AD8051/AD8052 to
drive 45 mA of output current and allows the AD8054 to drive
30 mA of output current with the outputs within 0.5 V of the
supply rails.
The AD8051/AD8052/AD8054 is fabricated on the Analog
Devices proprietary eXtra-Fast Complementary Bipolar (XFCB)
process, which enables the construction of PNP and NPN
transistors with similar fTs in the 2 GHz to 4 GHz region. The
process is dielectrically isolated to eliminate the parasitic and
latch-up problems caused by junction isolation. These features
allow the construction of high frequency, low distortion
amplifiers with low supply currents. This design uses a
differential output input stage to maximize bandwidth and
headroom (see Figure 40). The smaller signal swings required
on the first stage outputs (nodes SIP, SIN) reduce the effect of
nonlinear currents due to junction capacitances and improve
the distortion performance. This design achieves harmonic
distortion of −80 dBc @ 1 MHz into 100 Ω with V
I10
R39
VEE
I2
I3
Q25
Q51
R23 R27
I9
Q36
I5
VEE
C3
C9
I8
VCC
I11
I7
R3
R21
R5
Q3
SIP
SIN
C7
Q4
R15 R2
R26
Q50
Q22
Q21
Q27
Q7
Q8
Q23
Q31
Q39
Q13
Q1
Q24
Q47
Q11
Q2
Q5
Q40
VOUT
VCC
VINP
VINN
VEE
OUT
= 2 V p-p
(Gain = +1) on a single 5 V supply.
The inputs of the device can handle voltages from −0.2 V below
the negative rail to within 1 V of the positive rail. Exceeding
these values will not cause phase reversal; however, the input
ESD devices will begin to conduct if the input voltages exceed
the rails by greater than 0.5 V. During this overdrive condition,
the output stays at the rail.
Figure 40. AD8051/AD8052 Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com