Electronic Components Datasheet Search
  English  ▼

X  

BYR29 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYR29
Description  Rectifier diodes ultrafast
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYR29 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYR29 Datasheet HTML 1Page - NXP Semiconductors BYR29 Datasheet HTML 2Page - NXP Semiconductors BYR29 Datasheet HTML 3Page - NXP Semiconductors BYR29 Datasheet HTML 4Page - NXP Semiconductors BYR29 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYR29 series
ultrafast
Fig.5. Maximum t
rr at Tj = 25˚C and 100˚C.
Fig.6. Maximum I
rrm at Tj = 25˚C and 100˚C.
Fig.7. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.8. Maximum Q
s at Tj = 25˚C
Fig.9. Transient thermal impedance Z
th = f(tp)
1
10
trr / ns
110
100
1000
100
dIF/dt (A/us)
1A
IF=10 A
Tj = 25 C
Tj = 100 C
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
BYR29
VF / V
IF / A
max
typ
Tj = 25 C
Tj = 150 C
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
Tj = 25 C
Tj = 100 C
1.0
10
100
-dIF/dt (A/us)
10
100
1000
Qs / nC
2 A
IF = 10A
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYV29
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
September 1998
3
Rev 1.300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com